Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61202622021 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61202622021
Description  2.54MM MALE BOX HEADER WITH SHORT LEVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61202622021 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61202622021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61202622021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61202622021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 61202622021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61202622121 WURTH-61202622121 Datasheet
821Kb / 7P
   WR-BHD Male Angled Box Header
003.000
61202622323 WURTH-61202622323 Datasheet
810Kb / 6P
   WR-BHD Board to Cable Transition Connector
002.000
61202622821 WURTH-61202622821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202622921 WURTH-61202622921 Datasheet
781Kb / 7P
   WR-BHD 2.54mm Male Angled Box Header with long lever WR-BHD
003.000
More results

Similar Description - 61202622021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61202022821 WURTH-61202022821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61201622821 WURTH-61201622821 Datasheet
638Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61203422821 WURTH-61203422821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61205022821 WURTH-61205022821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61204022821 WURTH-61204022821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61201022821 WURTH-61201022821 Datasheet
638Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61206022821 WURTH-61206022821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61206422821 WURTH-61206422821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202422821 WURTH-61202422821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202622821 WURTH-61202622821 Datasheet
642Kb / 7P
   WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com