Electronic Components Datasheet Search |
|
61231420621 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
61231420621 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 3 page 1 2 3 4 5 A B C D SIZE A4 REV DATE FILE BY APPROVAL: GMo UNIT: MM DESCRIPTION: WR-BHD - 2.54MM MALE SMT BOX HEADER SCALE: SHEET: 1/3 WERI PART NO: 612 3xx 206 21 DRAW: AK PROJECTION: GENERAL TOLERANCE .X = +/- 0.2 .XX = +/- 0.15 RoHS Compliant H 24-MAY-11 NOTE GG I 22-JUL-11 W DIMENTION QL J 13-JUN-13 DIM 5.08 QL K 08-APR-14 DIM B => 18.02 QL L 10-NOV-14 GENERAL UPDATE AS M N PCB LAYOUT - COMPONENT VIEW TOLERANCE ±0.05MM B ±0.30 A 08-FEB-16 UPDATE AK TECHNICAL CHARACTERISTICS MATERIAL INSULATOR: PA 9T COLOR: BLACK CONTACT MATERIAL: COPPER ALLOYS CONTACT TYPE: STAMPED CONTACT PLATING: GOLD QUALITY CLASS: 3 AS PER CECC 75 301-802 PITCH: 2.54MM ENVIRONMENTAL OPERATING TEMPERATURE: -40 UP TO 105°C FLAMABILITY RATING: UL94-V0 COMPLIANCE: LEAD FREE AND ROHS ELECTRICAL CURRENT RATING: 3 A MAX WORKING VOLTAGE: 250 VAC INSULATOR RESISTANCE: >5000 MΩ DIELECTRIC WITHSTANDING VOLTAGE: 1000 VAC/MIN CONTACT RESISTANCE: 20 mOHM MAX STANDARD CERTIFIED: E323964 SOLDERING JEDEC LEAD FREE REFLOW SOLDERING PROCESS PACKAGING TAPE & REEL WITH CAP DIMENSION A = 2.54 x (NB PINS/2 - 1) B = (2.54 x NB PINS/2) + 7.5 |
Similar Part No. - 61231420621 |
|
Similar Description - 61231420621 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |