Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6130221021 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 6130221021
Description  2.54MM ANGLED DUAL PIN HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

6130221021 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  6130221021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 6130221021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 6130221021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 6130221021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61302211021 WURTH-61302211021 Datasheet
539Kb / 3P
   2.54MM ANGLED PIN HEADER
61302211121 WURTH-61302211121 Datasheet
379Kb / 6P
   WR-PHD Pin Header
003.000
61302211821 WURTH-61302211821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
More results

Similar Description - 6130221021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6130XX11021 WURTH-6130XX11021 Datasheet
539Kb / 3P
   2.54MM ANGLED PIN HEADER
61300421021 WURTH-61300421021 Datasheet
288Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
61303221021 WURTH-61303221021 Datasheet
289Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
61300821021 WURTH-61300821021 Datasheet
288Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
61303421021 WURTH-61303421021 Datasheet
288Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
61302021021 WURTH-61302021021 Datasheet
289Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
61306421021 WURTH-61306421021 Datasheet
288Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
61301021021 WURTH-61301021021 Datasheet
288Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
61303621021 WURTH-61303621021 Datasheet
288Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
61301221021 WURTH-61301221021 Datasheet
288Kb / 6P
   WR-PHD Angled Dual Pin Header
001.001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com