Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61301011021 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61301011021
Description  2.54MM ANGLED PIN HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61301011021 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61301011021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61301011021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 61301011021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
APPROVAL: GMo
UNIT: MM
DESCRIPTION: 2.54MM ANGLED PIN HEADER
SCALE:
SHEET: 2/3
WERI PART NO:
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
613 0xx 110 21
PDF
A
B
C
D
E
F
G


Similar Part No. - 61301011021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61301011121 WURTH-61301011121 Datasheet
379Kb / 6P
   WR-PHD Pin Header
003.000
61301011821 WURTH-61301011821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
More results

Similar Description - 61301011021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6130XX21021 WURTH-6130XX21021 Datasheet
641Kb / 3P
   2.54MM ANGLED DUAL PIN HEADER
61300611021 WURTH-61300611021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300911021 WURTH-61300911021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300511021 WURTH-61300511021 Datasheet
279Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300311021 WURTH-61300311021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300811021 WURTH-61300811021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300411021 WURTH-61300411021 Datasheet
279Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300711021 WURTH-61300711021 Datasheet
280Kb / 6P
   WR-PHD Angled Pin Header
002.000
61300211021 WURTH-61300211021 Datasheet
279Kb / 6P
   WR-PHD Angled Pin Header
002.000
6130XX143121 WURTH-6130XX143121 Datasheet
1Mb / 2P
   2.54MM ANGLED SOCKET HEADER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com