Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61308143121 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61308143121
Description  2.54MM ANGLED SOCKET HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61308143121 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61308143121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61308143121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
06-NOV-08
PDF
JP
B
C
D
E
F
G
APPROVAL: RJ
UNIT: MM
DESCRIPTION: 2.54MM ANGLED SOCKET HEADER
SCALE:
SHEET: 1/2
WERI PART NO: 6130 xx 143 121
DRAW: MIKE WU
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PBT
FLAMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 3 AS PER CECC 75 301-802
PITCH: 2.54MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 125°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 3A
WORKING VOLTAGE: 250V AC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 500V AC/MN
CONTACT RESISTANCE: 20 mOHM MAX
SOLDERING
WAVE PROCESS ONLY
PACKAGING
TRAY
DIMENSION
A = 2.54 x (NB. PIN - 1)
B = 2.54 x (NB. POSITIONS) + 0.5
23-AUG-10
PACKAGING
JC


Similar Part No. - 61308143121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6130811021 WURTH-6130811021 Datasheet
539Kb / 3P
   2.54MM ANGLED PIN HEADER
More results

Similar Description - 61308143121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6130XX243121 WURTH-6130XX243121 Datasheet
166Kb / 1P
   2.54MM ANGLED DUAL SOCKET HEADER
613009143121 WURTH-613009143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
613004143121 WURTH-613004143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.003
613006143121 WURTH-613006143121 Datasheet
1Mb / 7P
   WR-PHD Angled Socket Header
001.004
613032143121 WURTH-613032143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
613024143121 WURTH-613024143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
613007143121 WURTH-613007143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
613002143121 WURTH-613002143121 Datasheet
934Kb / 7P
   WR-PHD Angled Socket Header
001.003
613003143121 WURTH-613003143121 Datasheet
945Kb / 7P
   WR-PHD Angled Socket Header
001.003
613016143121 WURTH-613016143121 Datasheet
932Kb / 7P
   WR-PHD Angled Socket Header
001.002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com