Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G4Q-211A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G4Q-211A
Description  Unique Ratchet Mechanism Assures Positive Alternate Transfer/Switching Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G4Q-211A Datasheet(HTML) 2 Page - Omron Electronics LLC

  G4Q-211A Datasheet HTML 1Page - Omron Electronics LLC G4Q-211A Datasheet HTML 2Page - Omron Electronics LLC G4Q-211A Datasheet HTML 3Page - Omron Electronics LLC G4Q-211A Datasheet HTML 4Page - Omron Electronics LLC G4Q-211A Datasheet HTML 5Page - Omron Electronics LLC G4Q-211A Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G4Q
2
■ Accessories (Order Separately)
Specifications
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/–20% for AC rated current and
±15% for DC coil resistance.
2. The AC coil resistance values are for reference only.
3. Performance characteristic data is measured at a coil temperature of 23
°C.
4. The maximum voltage is one that is applicable instantaneously to the Relay coil at an ambient temperature of 23
°C and not continuously.
5. The AC power consumption is measured at 60 Hz.
■ Contact Ratings
DIN track/Front-connecting Socket
Back-connecting Socket
Screw terminal
Solder terminal
8PFA1
PL08
Item
Current (mA)
Resistance (
Ω) Must operate
Must release
Max. voltage
Power consumption
Rated voltage (V)
50 Hz
60 Hz
% of rated voltage
Initial
Rated
AC
12
614
531
2.24
80 % max.
10 % min.
110 % max.
Approx.
13.5 VA
Approx.
6.4 VA
24
307
266
8.7
50
148
128
42.7
100/
(110)
74
64/73.5
160
200/
(220)
37
32/36.8
671
Item
Current (mA)
Resistance (
Ω) Must operate
Must release
Max. voltage
Power consumption
Rated voltage (V)
50 Hz
60 Hz
% of rated voltage
DC
12
320
37.5
5 % min.
Approx. 3.9 W
24
155
155
100
39
2,580
200
19.2
10,400
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4)
(L/R = 7 ms)
Contact mechanism
Single
Contact material
Silver alloy
Rated load
5 A at 220 VAC, 5 A at 24 VDC
3 A at 220 VAC, 4 A at 24 VDC
Rated carry current
5 A
Max. switching voltage
250 VAC, 250 VDC
Max. switching current
5 A


Similar Part No. - G4Q-211A

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
G4Q-K1 FOTEK-G4Q-K1 Datasheet
132Kb / 1P
   EXCHANGE RElAY
G4Q-K2 FOTEK-G4Q-K2 Datasheet
132Kb / 1P
   EXCHANGE RElAY
More results

Similar Description - G4Q-211A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEVS16012 PANASONIC-AEVS16012 Datasheet
108Kb / 6P
   Unique Silencing Technology and Low Operation Noise
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
   RATCHET TOOL
logo
Panasonic Semiconductor
MN103SD0 PANASONIC-MN103SD0 Datasheet
356Kb / 3P
   Transfer mode: Word transfer. Burst transfer. Intermittent transfer
logo
Schneider Electric
9422CGJ30 SCHNEIDER-9422CGJ30 Datasheet
108Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
logo
Grayhill, Inc
46-101RED GRAYHILL-46-101RED Datasheet
132Kb / 3P
   Long Wipe Contact Assures High Reliability
logo
Schneider Electric
9422CFA50 SCHNEIDER-9422CFA50 Datasheet
111Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
logo
Panasonic Semiconductor
MN103SD3 PANASONIC-MN103SD3 Datasheet
337Kb / 3P
   Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SE5 PANASONIC-MN103SE5 Datasheet
318Kb / 3P
   Transfer mode: Word transfer. Burst transfer. Intermittent transfer
logo
Hittite Microwave Corpo...
HMC427LP3 HITTITE-HMC427LP3 Datasheet
207Kb / 6P
   GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC - 8.0 GHz
HMC427LP3 HITTITE-HMC427LP3_08 Datasheet
197Kb / 6P
   GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC* - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com