Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G4W-1114P-US-TV8-HP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G4W-1114P-US-TV8-HP
Description  Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G4W-1114P-US-TV8-HP Datasheet(HTML) 1 Page - Omron Electronics LLC

  G4W-1114P-US-TV8-HP Datasheet HTML 1Page - Omron Electronics LLC G4W-1114P-US-TV8-HP Datasheet HTML 2Page - Omron Electronics LLC G4W-1114P-US-TV8-HP Datasheet HTML 3Page - Omron Electronics LLC G4W-1114P-US-TV8-HP Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s
Impulse withstand voltage of 10,000V
between input and output
(coil and contact)
s
Creepage distance of 10 mm (0.39 in)
minimum between coil and contact meets
VDE C/250
s
Dielectric strength of 4,000 VAC minimum
conforms to UL, CSA and IEC Class II
s
International 2.5 mm (0.10 in) terminal pitch
s
Low power consumption (0.8W)
Power Relay
G4W
Ordering Information
Type
Contact form
Construction
Part number
PCB
SPST-NO
Unsealed
G4W-1112P-US-TV8-HP
DPST-NO
G4W-2212P-US-TV5-HP
SPST-NO
Sealed
G4W-1114P-US-TV8-HP
DPST-NO
G4W-2214P-US-HP
Solder
SPST-NO
Upper mounting bracket
G4W-11123A-US-TV8-HP
DPST-NO
G4W-22123A-US-TV5-HP
Quick connect
SPST-NO
Upper mounting bracket
G4W-11123T-US-TV8-HP
DPST-NO
G4W-22123T-US-TV5-HP
Specifications
Type
SPST-NO
DPST-NO
Load
Resistive (p.f. = 1)
Inductive (p.f. = 0.4)
Resistive (p.f. = 1)
Inductive (p.f. = 0.4)
Rated load
15 A at 250 VAC, 24 VDC
10 A at 250 VAC, 24 VDC
15 A at 250 VAC, 24 VDC
7.5 A at 250 VAC, 24 VDC
Contact material
AgCdO
Carry current
15 A
Max. operating voltage
250 VAC, 125 VDC
Max. operating current
15 A
Max. switching capacity
3,750 VA
2,500 VA
3,750 VA
1,875 VA
Min. permissible load
500 mA, 5 VDC
To Order: Select the part number and add the desired coil voltage rating (e.g., G4W-1112P-US-TV8-HP-
DC12).
D
V
E
s CONTACT DATA


Similar Part No. - G4W-1114P-US-TV8-HP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G4W-11123A-US-TV8 OMRON-G4W-11123A-US-TV8 Datasheet
180Kb / 6P
   PCB Power Relay
G4W-11123T-US-TV8 OMRON-G4W-11123T-US-TV8 Datasheet
180Kb / 6P
   PCB Power Relay
G4W-1112P-US-TV8 OMRON-G4W-1112P-US-TV8 Datasheet
180Kb / 6P
   PCB Power Relay
More results

Similar Description - G4W-1114P-US-TV8-HP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
   Power Relay
logo
CUI INC
PR19 CUI-PR19 Datasheet
446Kb / 5P
   POWER RELAY
08/09/2022
PR5 CUI-PR5 Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
logo
CUI Devices
PR13 CUID-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com