Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-16-2C5 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # V-16-2C5
Description  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-16-2C5 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button V-16-2C5 Datasheet HTML 2Page - Omron Electronics LLC V-16-2C5 Datasheet HTML 3Page - Omron Electronics LLC V-16-2C5 Datasheet HTML 4Page - Omron Electronics LLC V-16-2C5 Datasheet HTML 5Page - Omron Electronics LLC V-16-2C5 Datasheet HTML 6Page - Omron Electronics LLC V-16-2C5 Datasheet HTML 7Page - Omron Electronics LLC V-16-2C5 Datasheet HTML 8Page - Omron Electronics LLC V-16-2C5 Datasheet HTML 9Page - Omron Electronics LLC V-16-2C5 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
V
Miniature Basic Switch
V
Ratings
15A
10A
Heat-resistive
Actuator
Terminals
Contact form
Maximum operating force (OF)
15A
10A
Pin plunger
Solder terminals
(A)
SPDT
3.92N
V-15-1A6
---
V-15-1A6-T
---
SPST-NC
V-15-2A6
---
---
---
SPST-NO
V-15-3A6
---
---
---
SPDT
1.96N
V-15-1A5
V-10-1A5
V-15-1A5-T
V-10-1A5-T
SPST-NC
V-15-2A5
V-10-2A5
---
---
SPST-NO
V-15-3A5
V-10-3A5
---
---
SPDT
0.98N
---
V-10-1A4
---
V-10-1A4-T
SPST-NC
---
V-10-2A4
---
V-10-2A4-T
SPST-NO
---
V-10-3A4
---
V-10-3A4-T
Quick-connect
terminals (#187)
(C2)
SPDT
3.92N
V-15-1C26
---
V-15-1C26-T
---
SPST-NC
V-15-2C26
---
---
---
SPST-NO
V-15-3C26
---
---
---
SPDT
1.96N
V-15-1C25
V-10-1C25
V-15-1C25-T
V-10-1C25-T
SPST-NC
V-15-2C25
V-10-2C25
---
---
SPST-NO
V-15-3C25
V-10-3C25
---
---
SPDT
0.98N
---
V-10-1C24
---
V-10-1C24-T
SPST-NC
---
V-10-2C24
---
---
SPST-NO
---
V-10-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
3.92N
V-15-1C6
---
V-15-1C6-T
---
SPST-NC
V-15-2C6
---
---
---
SPST-NO
V-15-3C6
---
---
---
SPDT
1.96N
V-15-1C5
V-10-1C5
V-15-1C5-T
V-10-1C5-T
SPST-NC
V-15-2C5
V-10-2C5
---
---
SPST-NO
V-15-3C5
V-10-3C5
---
---
SPDT
0.98N
---
V-10-1C4
---
V-10-1C4-T
SPST-NC
---
V-10-2C4
---
---
SPST-NO
---
V-10-3C4
---
---
Short hinge lever
Solder terminals
(A)
SPDT
3.92N
V-151-1A6
---
V-151-1A6-T
---
SPST-NC
V-151-2A6
---
---
---
SPST-NO
V-151-3A6
---
---
---
SPDT
1.96N
V-151-1A5
V-101-1A5
V-151-1A5-T
V-101-1A5-T
SPST-NC
V-151-2A5
V-101-2A5
---
---
SPST-NO
V-151-3A5
V-101-3A5
---
---
SPDT
0.98N
---
V-101-1A4
---
V-101-1A4-T
SPST-NC
---
V-101-2A4
---
---
SPST-NO
---
V-101-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
3.92N
V-151-1C26
---
V-151-1C26-T
---
SPST-NC
V-151-2C26
---
---
---
SPST-NO
V-151-3C26
---
---
---
SPDT
1.96N
V-151-1C25
V-101-1C25
V-151-1C25-T
V-101-1C25-T
SPST-NC
V-151-2C25
V-101-2C25
---
---
SPST-NO
V-151-3C25
V-101-3C25
---
---
SPDT
0.98N
---
V-101-1C24
---
V-101-1C24-T
SPST-NC
---
V-101-2C24
---
---
SPST-NO
---
V-101-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
3.92N
V-151-1C6
---
V-151-1C6-T
---
SPST-NC
V-151-2C6
---
---
---
SPST-NO
V-151-3C6
---
---
---
SPDT
1.96N
V-151-1C5
V-101-1C5
V-151-1C5-T
V-101-1C5-T
SPST-NC
V-151-2C5
V-101-2C5
---
---
SPST-NO
V-151-3C5
V-101-3C5
---
---
SPDT
0.98N
---
V-101-1C4
---
V-101-1C4-T
SPST-NC
---
V-101-2C4
---
---
SPST-NO
---
V-101-3C4
---
---
Thermosetting case
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Similar Part No. - V-16-2C5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   Snap Action Switch
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   Snap Action Switch
logo
List of Unclassifed Man...
V-16-2C5 ETC2-V-16-2C5 Datasheet
1Mb / 16P
   Miniature Basic Switch
More results

Similar Description - V-16-2C5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com