Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-01-2T Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # SS-01-2T
Description  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01-2T Datasheet(HTML) 4 Page - Omron Electronics LLC

  SS-01-2T Datasheet HTML 1Page - Omron Electronics LLC SS-01-2T Datasheet HTML 2Page - Omron Electronics LLC SS-01-2T Datasheet HTML 3Page - Omron Electronics LLC SS-01-2T Datasheet HTML 4Page - Omron Electronics LLC SS-01-2T Datasheet HTML 5Page - Omron Electronics LLC SS-01-2T Datasheet HTML 6Page - Omron Electronics LLC SS-01-2T Datasheet HTML 7Page - Omron Electronics LLC SS-01-2T Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SS
Subminiature Basic Switch
S
S
Terminals/Appearances (Unit: mm)
Mounting Holes (Unit: mm)
Characteristics
Note. The data given above are initial values.
*1.
The values for dielectric strength shown are for models with a Separator (refer to "Micro Switch
Common Accessories").
*2.
The values are at Free Position and Total Travel Position values for pin plunger, and Total Travel
Position value for lever. Close or open circuit of the contact is 1ms max.
*3.
For testing conditions, consult your OMRON sales representative.
Item
Model
SS-10 models
SS-5 models
SS-01 models
Permissible operating speed
0.1 mm to 1 m/s (for pin plunger models)
Permissible
operating
frequency
Mechanical
400 operations/min
Electrical
60 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC with insulation tester)
Contact resistance (initial
value)
OF 1.47 N models
30 m
Ω max.
50 m
Ω max.
OF 0.49 N models
-
50 m
Ω max.
100 m
Ω max.
OF 0.25 N models
-
150 m
Ω max.
Dielectric
strength *1
Between terminals of the same
polarity
1,000 VAC 50/60 Hz for 1 min
600 VAC
50/60 Hz for
1 min
Between current-carrying metal
parts and ground
1,500 VAC 50/60 Hz for 1 min
Between each terminals and non-
current-carrying metal parts
1,500 VAC 50/60 Hz for 1 min
Vibration
resistance *2
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock
resistance
Durability
OF 1.47 N models
1,000 m/s2 {approx. 100G} max.
OF 0.49 N models
500 m/s2 {approx. 50G} max.
OF 0.25 N models
500 m/s2 {approx. 50G} max.
Malfunction *2
OF 1.47 N models
300 m/s2 {approx. 30G} max.
OF 0.49 N models
200 m/s2 {approx. 20G} max.
OF 0.25 N models
200 m/s2 {approx. 20G} max.
Durability *3
Mechanical
10,000,000 operations
min.
(60 operations/min)
30,000,000 operations min.
(60 operations/min)
Electrical
50,000 operations min.
(30 operations/min)
200,000 operations min.
(30 operations/min)
Degree of protection
IEC IP40
Degree of protection against electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-25°C to
+85°C (at ambient humidity of 60% max.)
(with no icing or condensation)
Ambient operating humidity
85% max. (for
+5°C to +35°C)
Weight
Approx. 1.6g (pin plunger models)
Ratings
Note. The above rating values apply under the
following test conditions.
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5%
(3) Operating frequency: 30 operations/min
Approved Safety Standards
Models shown in the "List of Models" are
UL and CSA approved models.
Note. Note that heat resistant models are not
standard approved models.
UL (UL1054)/CSA (CSA C22.2 No.55)
Consult your OMRON sales
representative for specific models
with VDE standard approvals.
VDE (EN61058-1)
Testing conditions: 5E4 (50,000 operations)
T85 (0°C to 85°C)
Item
Resistive load
Model
Rated voltage
SS-10 models
250 VAC
10.1 A
SS-5 models
125 VAC
250 VAC
5 A
3 A
SS-01 models
125 VAC
0.1 A
30 VDC
0.1 A
Rated voltage Model SS-10
SS-5
SS-01
125 VAC
250 VAC
-
10.1 A
5 A
3 A
0.1 A
-
30 VDC
-
-
0.1 A
Rated voltage
Model
SS-10
SS-5
250 VAC
10 A
5 A
●Solder terminals
●Quick connect terminals (#110)
●PCB terminals
<PCB Mounting Dimensions (Reference)>
2.9
1.6
0.5
8.8
7.3
19.8
3.2
6.4
6.4
3-1.6 dia. holes
9.5±0.1
2.9
1.6
8.8
7.3
19.8
3.2
2.8
7.1
10.6
3-1.2
dia. holes
9.5±0.1
0.5
2.9
1.6
8.8
7.3
19.8
3.3
3.2
1.2
0.5
0.6
7.0
t=0.5
9.5±0.1
0.5
16.1±0.1
8.8+0.15
-0.05
3-1.35~1.5 dia.
(1.6)
9.5±0.1
2-2.4 dia. mounting holes
or M2.3 screw holes


Similar Part No. - SS-01-2T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-01-E OMRON-SS-01-E Datasheet
676Kb / 10P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
SS-01-ET OMRON-SS-01-ET Datasheet
676Kb / 10P
   Snap Action Switch
SS-01-F OMRON-SS-01-F Datasheet
676Kb / 10P
   Snap Action Switch
SS-01-FD OMRON-SS-01-FD Datasheet
676Kb / 10P
   Snap Action Switch
More results

Similar Description - SS-01-2T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com