Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR0580 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MBR0580
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MBR0580 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MBR0580 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBR0580 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBR0580 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBR0580 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBR0580 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Min.
Typ. Max. Unit
Conditions
Forward voltage
MBR0520
MBR0530
MBR0540
MBR0560
MBR0580
VF
0.45
0.55
0.55
0.70
0.80
V
IF=500mA
Reverse current
MBR0520
MBR0530
MBR0540
MBR0560
MBR0580
IR
80
μA
VR=20V
VR=30V
VR=40V
VR=60V
VR=80V
Capacitance between terminals
CT
30
pF
VR=4V, f=1MHZ
ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
www.cj-elec.com
2
E,Mar,2015


Similar Part No. - MBR0580

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR0580 MCC-MBR0580 Datasheet
90Kb / 2P
   0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
MBR0580 CHENYI-MBR0580 Datasheet
55Kb / 2P
   0.5Amp schottky rectifier 20to100 volts
logo
Micro Commercial Compon...
MBR0580 MCC-MBR0580 Datasheet
293Kb / 3P
   0.5 Amp Schottky Rectifier 20 to 80 Volts
logo
Gaomi Xinghe Electronic...
MBR0580 GXELECTRONICS-MBR0580 Datasheet
692Kb / 2P
   0.5 Amp Schottky Rectifier 20 to 80 Volts
logo
Micro Commercial Compon...
MBR0580 MCC-MBR0580 Datasheet
323Kb / 3P
   0.5 Amp Schottky Rectifier 20 to 80 Volts
More results

Similar Description - MBR0580

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com