Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SQ080TR Datasheet(PDF) 1 Page - International Rectifier

Part # 50SQ080TR
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50SQ080TR Datasheet(HTML) 1 Page - International Rectifier

  50SQ080TR Datasheet HTML 1Page - International Rectifier 50SQ080TR Datasheet HTML 2Page - International Rectifier 50SQ080TR Datasheet HTML 3Page - International Rectifier 50SQ080TR Datasheet HTML 4Page - International Rectifier 50SQ080TR Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions in millimeters and inches
Conforms to JEDEC Outline DO - 204AR
CASE STYLE AND DIMENSIONS
Major Ratings and Characteristics
I
F(AV)
Rectangular
5
A
waveform
V
RRM
range
60 to 100
V
I
FSM
@ tp = 5 µs sine
1900
A
V
F
@5 Apk, T
J
= 125°C
0.52
V
T
J
range
- 55 to 175
°C
Characteristics
50SQ...
Units
Description/ Features
The 50SQ... axial leaded Schottky rectifier series has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation
up to 175°C junction temperature. Typical applications are
in switching power supplies, converters, free-wheeling di-
odes, and reverse battery protection.
175° C T
J
operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
SCHOTTKY RECTIFIER
5 Amp
50SQ... SERIES
Bulletin PD-2.060 rev. F 03/03
1
www.irf.com


Similar Part No. - 50SQ080TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
50SQ080TR VISHAY-50SQ080TR Datasheet
106Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
50SQ080TR VISHAY-50SQ080TR Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
More results

Similar Description - 50SQ080TR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com