Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2157C-T1-AZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK2157C-T1-AZ
Description  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2157C-T1-AZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK2157C-T1-AZ Datasheet HTML 1Page - Renesas Technology Corp 2SK2157C-T1-AZ Datasheet HTML 2Page - Renesas Technology Corp 2SK2157C-T1-AZ Datasheet HTML 3Page - Renesas Technology Corp 2SK2157C-T1-AZ Datasheet HTML 4Page - Renesas Technology Corp 2SK2157C-T1-AZ Datasheet HTML 5Page - Renesas Technology Corp 2SK2157C-T1-AZ Datasheet HTML 6Page - Renesas Technology Corp 2SK2157C-T1-AZ Datasheet HTML 7Page - Renesas Technology Corp 2SK2157C-T1-AZ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2157C
R07DS1264EJ0200 Rev.2.00
Page 3 of 6
Jun 18, 2015
Typical Characteristics (TA = 25
C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
FORWARD BIAS SAFE OPERATING
AREA
0
20
40
60
80
100
120
0
25
50
75
100
125 150
175
TA – Ambient Temperature -
C
0.01
0.1
1
10
100
0.1
1
10
100
ID(pulse)= 12A
DC
Power Dissipation Limited
ID(DC)=3.5A
1ms
10ms
100ms
TA=25°C
Single Pulse
VDS-Drain to Source Voltage-V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage – V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
Tch - Channel Temperature -
C
ID - Drain Current - A


Similar Part No. - 2SK2157C-T1-AZ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2157 NEC-2SK2157 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SK2157 RENESAS-2SK2157 Datasheet
262Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SK2157C-T1-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com