Electronic Components Datasheet Search |
|
COP87L84 Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
COP87L84 Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 54 page DC Electrical Characteristics (Continued) −40˚C ≤ T A ≤ +85˚C Parameter Conditions Min Typ Max Units Maximum Input Current without Latchup Room Temp ±100 mA RAM Retention Voltage, V r 500 ns Rise and Fall Time 2.0 V Input Capacitance 7pF Load Capacitance on D2 1000 pF Note 2: Maximum rate of voltage change must be less than 0.5 V/ms Note 3: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at VCC or GND, and outputs open. Note 4: The HALT mode will stop CKI from oscillating in the Crystal configurations. Halt test conditions: All inputs tied to VCC; L, and G port I/Os configured as outputs and programmed low; D outputs programmed low. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register. Part will pull up CKI during HALT in crystal clock mode. Note 5: HALT and IDLE current specifications assume CAN block and comparators are disabled. www.national.com 4 |
Similar Part No. - COP87L84 |
|
Similar Description - COP87L84 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |