Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3308BRU Datasheet(PDF) 4 Page - Analog Devices

Part # ADG3308BRU
Description  Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3308BRU Datasheet(HTML) 4 Page - Analog Devices

  ADG3308BRU Datasheet HTML 1Page - Analog Devices ADG3308BRU Datasheet HTML 2Page - Analog Devices ADG3308BRU Datasheet HTML 3Page - Analog Devices ADG3308BRU Datasheet HTML 4Page - Analog Devices ADG3308BRU Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ADG3308
–4–
REV. PrE
PRELIMINARY TECHNICAL DATA
GENERAL DESCRIPTION
The ADG3308 level translator allows the required level
shifting necessary for data transfer in a system where mul-
tiple voltages are used. The device requires two supplies,
VCCA and VCCY. These supplies set the logic levels on
each side of the device. The device translates data present
on the VA side of the device to the higher voltage level at
the VY side of the device. Similarly, as the device is ca-
pable of bidirectional translation, data applied to the VY
side will be translated to the voltage referenced to VA.
Power Supplies
The voltage applied to VCCA must always be less than or
equal to VCCY.
While EN is low, the VCCA supply may be removed, and
both A and Y I/O’s will remain tri-stated.
Level Translator Architecture
The forward channel consists of a string of inverters and a
level translator, while the reverse channel consists simply
of inverters. A level translator is not required in the re-
verse path (Y-A) as the supply voltage VCCY must always
be greater than or equal to VCCA. A current limiting resis-
tor is used in series with each channel to prevent any con-
tention issues, see figure 1.
One Shot
Generator
One Shot
Generator
VCCY
VCCA
A
Y
6k
6k
Figure 1. Simplified Functional Diagram of one channel.
As the driven side has to drive a load capacitance through
this 6k resistance, one shot generators are used to drive
large mos devices in the output stage to help speed up the
rate of switching. The output stage is inactive and three
state except when transistions are present on either side of
the translator. When this happens the one shot fires
turn-
ing on the output stage and driving the load capacitance
faster than if it were driven through the resistor. As the
device is bi-directional, both input stages will be active
during this period. While this design gives maximum
speed from the device, it can result in some current driv-
ing back into the source driving the input of the translator.
To ensure correct operation, the input driver should meet
the following requirements - 50
Ω maximum output im-
pedance with minimum of 20mA output current when
driving 20Mbps.
Enable Operation
When pulled low, the EN input allows the user to tri-state
both sides (A and Y) of the level translator. EN pin is
referred to VCCY voltage.


Similar Part No. - ADG3308BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308BRUZ-REEL AD-ADG3308BRUZ-REEL Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308BRUZ-REEL AD-ADG3308BRUZ-REEL Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results

Similar Description - ADG3308BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com