Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8330ARQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8330ARQ
Description  Low Cost DC-150 MHz Variable Gain Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8330ARQ Datasheet HTML 4Page - Analog Devices AD8330ARQ Datasheet HTML 5Page - Analog Devices AD8330ARQ Datasheet HTML 6Page - Analog Devices AD8330ARQ Datasheet HTML 7Page - Analog Devices AD8330ARQ Datasheet HTML 8Page - Analog Devices AD8330ARQ Datasheet HTML 9Page - Analog Devices AD8330ARQ Datasheet HTML 10Page - Analog Devices AD8330ARQ Datasheet HTML 11Page - Analog Devices AD8330ARQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. A
–8–
AD8330
FREQUENCY – Hz
90
50k
–10
10
30
50
70
100k
1M
100M
80
0
20
40
60
10M
OFST: ENABLED
DISABLED
VDBS = 1.5V
VDBS = .75V
VDBS = 0V
TPC 13. CMRR vs. Frequency
FREQUENCY – Hz
1500
0
0
300
600
900
1200
f = 1MHz
T = +85 C
T = +25 C
T = –40 C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TPC 14. Output Referred Noise vs. VDBS for
Three Temperatures
VMAG – V
700
0
0
100
200
300
500
0.5
1.0
2.5
1.5
f = 1MHz
600
400
2.0
TPC 15. Output Referred Noise vs. VMAG
VMAG – V
6000
0
0
1000
2000
3000
5000
0.5
1.0
2.5
1.5
4000
2.0
VDBS = 1.5V
f = 1MHz
TPC 16. Output Referred Noise vs. VMAG
VDBS – V
80
0
0
10
20
30
60
1.6
40
VMAG = 0.5V
f = 1MHz
70
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T = +85 C
T = –40 C
T = +25 C
TPC 17. Input Referred Noise vs. VDBS for
Three Temperatures
VDBS – V
180
0
0
20
40
60
120
1.6
80
f = 1MHz
140
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
160
VMAG = 0.125V
VMAG = 0.5V
VMAG = 2V
TPC 18. Input Referred Noise vs. VDBS for Three
Values of VMAG


Similar Part No. - AD8330ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8330ARQ AD-AD8330ARQ Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
AD8330ARQ AD-AD8330ARQ Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330ARQ-REEL AD-AD8330ARQ-REEL Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
AD8330ARQ-REEL AD-AD8330ARQ-REEL Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330ARQ-REEL7 AD-AD8330ARQ-REEL7 Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
More results

Similar Description - AD8330ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8330 AD-AD8330_06 Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
AD8330 AD-AD8330_08 Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD8338 AD-AD8338 Datasheet
406Kb / 16P
   Low Power, 18 MHz Variable Gain Amplifier
REV. 0
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com