Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL01 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # KBL01
Description  Glass Passivated chip junction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

KBL01 Datasheet(HTML) 1 Page - Mospec Semiconductor

  KBL01 Datasheet HTML 1Page - Mospec Semiconductor KBL01 Datasheet HTML 2Page - Mospec Semiconductor KBL01 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOSPEC
KBL005 THRU KBL10
SINGLE-PHASE
BRIDGE
RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
4.0 Ampere
FEATURES
Glass Passivated chip junction
High forward surge current capability
Ideal for printed circuit board
High temperature soldering guaranteed:
260
oc/10 second at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Terminals:Lead Solderable Per MIL-STD-202E
method 208C
Polarity:As Marking on Body
Mounting Position: Any
Weight:0.22 ounce, 6.21 gram
MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS
* Rating at 25℃ ambient temperature unless otherwise specified
* Single phase, half wave. 60Hz, resistive or inductive load.
* For capacitive load derate current by 20 %
Characteristic
Symbol KBL005 KBL01 KBL02 KBL04 KBL06 KBL08 KBL10
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
4.0
Average Forward Rectified
Output Current , at
TC=50℃(Note 2)
TA=50℃(Note 3)
IO(AV)
3.0
A
Non-Repetitive Peak Surge Current
8.3 ms Single half sine-wave superimposed on
rated load ( JEDEC Method)
IFSM
200
A
Forward Voltage (per element) ( IF =2.0 Amp)
VFM
1.0
V
TA = 25℃
10
uA
Maximum DC reverse current at rated
DC blocking voltage per element
TA = 100℃
IR
1.0
mA
Rating for Fusing( t<8.3 ms)
I
2t
166
A
2s
Typical Junction Capacitance per element (Note1)
CJ
105
pF
Typical Thermal Resistance (note 3)
Rθ jA
20
k/W
Operating and Storage Temperature Range
TJ , Tstg
-65 to +150
Note: 1 Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Unit mounted on 3.0”×3.0”×0.11” thick (7.5×7.5×0.3 cm) AL, plate.
3. P.C. board mount with 0.5”×0.5”(12×12mm) copper pad. 0.375”(9.5 mm)lead length.


Similar Part No. - KBL01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBL01 SEMTECH-KBL01 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBL01 VISHAY-KBL01 Datasheet
96Kb / 4P
   Single-Phase Bridge Rectifier
01-Jan-2022
KBL01 VISHAY-KBL01 Datasheet
102Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
SynSemi, Inc.
KBL01 SYNSEMI-KBL01 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Shanghai Lunsure Electr...
KBL01 CHENYI-KBL01 Datasheet
155Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBL01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Vishay Siliconix
GPP15A VISHAY-GPP15A Datasheet
77Kb / 4P
   Glass passivated chip junction
Revision: 14-Jan-11
logo
List of Unclassifed Man...
6A05G ETC2-6A05G Datasheet
99Kb / 2P
   Glass passivated chip junction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com