Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1255IDB Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1255IDB
Description  Very Low Noise, 24-Bit Analog-to-Digital Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1255IDB Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS1255IDB Datasheet HTML 1Page - Burr-Brown (TI) ADS1255IDB Datasheet HTML 2Page - Burr-Brown (TI) ADS1255IDB Datasheet HTML 3Page - Burr-Brown (TI) ADS1255IDB Datasheet HTML 4Page - Burr-Brown (TI) ADS1255IDB Datasheet HTML 5Page - Burr-Brown (TI) ADS1255IDB Datasheet HTML 6Page - Burr-Brown (TI) ADS1255IDB Datasheet HTML 7Page - Burr-Brown (TI) ADS1255IDB Datasheet HTML 8Page - Burr-Brown (TI) ADS1255IDB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ADS1255
ADS1256
SBAS288D − JUNE 2003 − REVISED AUGUST 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
All specifications at −40
°C to +85°C, AVDD = +5V, DVDD = +1.8V, fCLKIN = 7.68MHz, PGA = 1, and VREF = +2.5V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Inputs
Full-scale input voltage (AINP − AINN)
±2VREF/PGA
V
Absolute input voltage
(AIN0-7, AINCOM to AGND)
Buffer off
AGND − 0.1
AVDD + 0.1
V
Absolute input voltage
(AIN0-7, AINCOM to AGND)
Buffer on
AGND
AVDD − 2.0
V
Programmable gain amplifier
1
64
Buffer off, PGA = 1, 2, 4, 8, 16
150/PGA
k
Differential input impedance
Buffer off, PGA = 32, 64
4.7
k
Differential input impedance
Buffer on, fDATA ≤ 50Hz(1)
80
M
SDCS[1:0] = 01
0.5
µA
Sensor detect current sources
SDCS[1:0] = 10
2
µA
Sensor detect current sources
SDCS[1:0] = 11
10
µA
System Performance
Resolution
24
Bit
No missing codes
All data rates and PGA settings
24
Bit
Data rate (fDATA)
fCLKIN = 7.68MHz
2.5
30,000
SPS(2)
Integral nonlinearity
Differential input, PGA = 1
±0.0003
±0.0010
%FSR(3)
Integral nonlinearity
Differential input, PGA = 64
±0.0007
%FSR
Offset error
After calibration
On the level of the noise
Offset drift
PGA = 1
±100
nV/
°C
Offset drift
PGA = 64
±4
nV/
°C
Gain error
After calibration, PGA = 1, Buffer on
±0.005
%
Gain error
After calibration, PGA = 64, Buffer on
±0.03
%
Gain drift
PGA = 1
±0.8
ppm/
°C
Gain drift
PGA = 64
±0.8
ppm/
°C
Common-mode rejection
fCM(4) = 60Hz, fDATA = 30kSPS(5)
95
110
dB
Noise
See Noise Performance Tables
AVDD power-supply rejection
±5% ∆ in AVDD
60
70
dB
DVDD power-supply rejection
±10% ∆ in DVDD
100
dB
Voltage Reference Inputs
Reference input voltage (VREF)
VREF ≡ VREFP − VREFN
0.5
2.5
2.6
V
Negative reference input (VREFN)
Buffer off
AGND − 0.1
VREFP − 0.5
V
Negative reference input (VREFN)
Buffer on(6)
AGND
VREFP − 0.5
V
Positive reference input (VREFP)
Buffer off
VREFN + 0.5
AVDD + 0.1
V
Positive reference input (VREFP)
Buffer on(6)
VREFN + 0.5
AVDD − 2.0
V
Voltage reference impedance
fCLKIN = 7.68MHz
18.5
k
Digital Input/Output
VIH
DIN, SCLK, XTAL1/CLKIN,
SYNC/PDWN, CS, RESET
0.8 DVDD
5.25
V
VIH
D0/CLKOUT, D1, D2, D3
0.8 DVDD
DVDD
V
VIL
DGND
0.2 DVDD
V
VOH
IOH = 5mA
0.8 DVDD
V
VOL
IOL = 5mA
0.2 DVDD
V
Input hysteresis
0.5
V
Input leakage
0 < VDIGITAL INPUT < DVDD
±10
µA
Master clock rate
External crystal between XTAL1 and
XTAL2
2
7.68
10
MHz
Master clock rate
External oscillator driving CLKIN
0.1
7.68
10
MHz


Similar Part No. - ADS1255IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1255IDBR TI1-ADS1255IDBR Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS1255IDBRG4 TI1-ADS1255IDBRG4 Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS1255IDBT TI1-ADS1255IDBT Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS1255IDBTG4 TI1-ADS1255IDBTG4 Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1255IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1255 TI1-ADS1255 Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
   Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com