Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5381 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AK5381
Description  Evaluation board Rev.A for AK5381
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AK5381 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AK5381 Datasheet HTML 2Page - List of Unclassifed Manufacturers AK5381 Datasheet HTML 3Page - List of Unclassifed Manufacturers AK5381 Datasheet HTML 4Page - List of Unclassifed Manufacturers AK5381 Datasheet HTML 5Page - List of Unclassifed Manufacturers AK5381 Datasheet HTML 6Page - List of Unclassifed Manufacturers AK5381 Datasheet HTML 7Page - List of Unclassifed Manufacturers AK5381 Datasheet HTML 8Page - List of Unclassifed Manufacturers AK5381 Datasheet HTML 9Page - List of Unclassifed Manufacturers AK5381 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ASAHI KASEI
[AKD5381]
<KM069200>
2002/06
- 6 -
MEASUREMENT RESULTS
[Measurement condition]
• Measurement unit : Audio Precision, System Two Cascade
• MCLK
: 256fs
• SCLK
: 64fs
• fs
: 48kHz, 96kHz
• Bit
: 24bit
• Power Supply
: VA = VD = 5.0V
• Interface
: DIT
• Temperature
: Room
Parameter
Result (Lch / Rch)
Unit
ADC Analog Input Characteristics:
S/(N+D)
(
−1dB Input)
fs=48kHz
fs=96kHz
96.7 / 96.9
93.1 / 93.6
dB
dB
D-Range
(
−60dB Input)
fs=48kHz, A-weighted
fs=96kHz
106.5 / 106.5
101.7 / 101.7
dB
dB
S/N
fs=48kHz, A-weighted
fs=96kHz
106.7 / 106.7
101.8 / 101.7
dB
dB
Interchannel Isolation
115.1 / 113.2
dB


Similar Part No. - AK5381

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5381 AKM-AK5381 Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AK5381ET AKM-AK5381ET Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5381VT AKM-AK5381VT Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results

Similar Description - AK5381

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
   EVALUATION BOARD REV.A FOR AK5393
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
   EVALUATION BOARD REV.A FOR AK4309B
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
   Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
   Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
   Evaluation board Rev.A for AK5365
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
   EVALUATION BOARD REV.A FOR AK4380
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
   EVALUATION BOARD REV.A FOR AK4353
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com