Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

649020227222 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 649020227222
Description  WR-MPC4 - 4.20MM MALE DUAL ROW RIGHT ANGLE HEADER WITH MOUNTING PEGS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

649020227222 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  649020227222 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 649020227222 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 649020227222 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
B
C
D
E
F
G
APPROVAL:
UNIT: MM
SCALE:
SHEET: 2/3
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
WERI PART NO:
DESCRIPTION: 4.20MM MALE DUAL ROW RIGHT ANGLE HEADER WITH
MOUNTING PEGS
Pin PCS/Tray Tray/Carton PCS/Carton
2
440
18
7920
4
256
18
4608
6
176
18
3168
8
136
18
2448
10
112
18
2016
12
88
18
1584
14
80
18
1440
16
72
18
1296
18
64
18
1152
20
56
18
1008
22
48
18
864
24
48
18
864
649 0xx 227 222
BBu


Similar Part No. - 649020227222

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6490 POMONA-6490 Datasheet
115Kb / 2P
   20mm Tip Reach, SMD Grabber Test Clip
6490-0 POMONA-6490-0 Datasheet
115Kb / 2P
   20mm Tip Reach, SMD Grabber Test Clip
6490-1 POMONA-6490-1 Datasheet
115Kb / 2P
   20mm Tip Reach, SMD Grabber Test Clip
6490-2 POMONA-6490-2 Datasheet
115Kb / 2P
   20mm Tip Reach, SMD Grabber Test Clip
6490-3 POMONA-6490-3 Datasheet
115Kb / 2P
   20mm Tip Reach, SMD Grabber Test Clip
More results

Similar Description - 649020227222

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6490XX11122 WURTH-6490XX11122 Datasheet
684Kb / 2P
   WR-MPC4 - 4.20MM MALE SINGLE ROW VERTICAL HEADER
6490XX29522 WURTH-6490XX29522 Datasheet
589Kb / 2P
   4.20MM MALE DUAL ROW RIGHT ANGLE HEADER
logo
Molex Electronics Ltd.
0050361779 MOLEX3-0050361779 Datasheet
189Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 4 Circuits
0050362377 MOLEX3-0050362377 Datasheet
233Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Pegs, 6 Circuits
0300700812 MOLEX1-0300700812 Datasheet
30Kb / 2P
   4.20mm Pitch, Mini-Fit TPA Header, Dual Row, Right Angle, with PCB Mounting flange
39-30-1020 MOLEX-39-30-1020 Datasheet
271Kb / 7P
   MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
0039295163 MOLEX3-0039295163 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange
35318-0620 MOLEX11-35318-0620 Datasheet
43Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Right Angle
0039291188 MOLEX3-0039291188 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 18 Circuits
0039295143 MOLEX3-0039295143 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 14 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com