Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66200221122 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 66200221122
Description  WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

66200221122 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  66200221122 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 66200221122 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 66200221122 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
F
G
APPROVAL:
UNIT: MM
SCALE:
SHEET: 2/
DRAW: AK
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
WERI PART NO: 662 0xx 211 22
DESCRIPTION: WR-MPC 3 - 3.00MM MALE DUAL ROW VERTICAL HEADER


Similar Part No. - 66200221122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6620002-1 MACOM-6620002-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620004-1 MACOM-6620004-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620005-1 MACOM-6620005-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620009-1 MACOM-6620009-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
More results

Similar Description - 66200221122

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
662500130015 WURTH-662500130015 Datasheet
332Kb / 2P
   WR-MPC3 3.00 MM MALE PRE-CRIMPED CABLE
662562526030 WURTH-662562526030 Datasheet
331Kb / 2P
   WR-MPC3 3.00 MM MALE PRE-CRIMPED CABLE
61900811121 WURTH-61900811121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
   WR-WTB Male Vertical Shrouded Header
2022-09-22
6490XX11122 WURTH-6490XX11122 Datasheet
684Kb / 2P
   WR-MPC4 - 4.20MM MALE SINGLE ROW VERTICAL HEADER
61901011121 WURTH-61901011121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
61900711121 WURTH-61900711121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
logo
Molex Electronics Ltd.
0430451628 MOLEX1-0430451628_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row
0430451629 MOLEX1-0430451629_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com