Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66200421122 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 66200421122
Description  WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

66200421122 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  66200421122 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 66200421122 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 66200421122 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 66200421122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6620002-1 MACOM-6620002-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620004-1 MACOM-6620004-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620005-1 MACOM-6620005-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
6620009-1 MACOM-6620009-1 Datasheet
424Kb / 8P
   Modular Jacks and MRJ21 Product
More results

Similar Description - 66200421122

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
662500130015 WURTH-662500130015 Datasheet
332Kb / 2P
   WR-MPC3 3.00 MM MALE PRE-CRIMPED CABLE
662562526030 WURTH-662562526030 Datasheet
331Kb / 2P
   WR-MPC3 3.00 MM MALE PRE-CRIMPED CABLE
61900811121 WURTH-61900811121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
   WR-WTB Male Vertical Shrouded Header
2022-09-22
6490XX11122 WURTH-6490XX11122 Datasheet
684Kb / 2P
   WR-MPC4 - 4.20MM MALE SINGLE ROW VERTICAL HEADER
61901011121 WURTH-61901011121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
61900711121 WURTH-61900711121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
logo
Molex Electronics Ltd.
0430451628 MOLEX1-0430451628_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row
0430451629 MOLEX1-0430451629_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com