Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7820 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SPT7820
Description  EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7820 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SPT7820 Datasheet HTML 1Page - Fairchild Semiconductor SPT7820 Datasheet HTML 2Page - Fairchild Semiconductor SPT7820 Datasheet HTML 3Page - Fairchild Semiconductor SPT7820 Datasheet HTML 4Page - Fairchild Semiconductor SPT7820 Datasheet HTML 5Page - Fairchild Semiconductor SPT7820 Datasheet HTML 6Page - Fairchild Semiconductor SPT7820 Datasheet HTML 7Page - Fairchild Semiconductor SPT7820 Datasheet HTML 8Page - Fairchild Semiconductor SPT7820 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
5/22/97
AN7820/24
frequency. On both devices, the expected full scale analog
input range is from VST to VSB. The analog input is latched
at the leading edge of the CLK. There are 11 digital TTL
outputs. D0 - D9 are the parallel TTL-output bits, with D0 the
LSB, D9 the MSB and D10 the overrange bit. The data
outputs are latched at the rising edge of the CLK, with a
propagation delay of typically 14 nsec. There is one clock
latency between CLK and valid output data (see figure 5 for
more detail). The output code is a straight binary:
Table 3: SPT7820/24 Output Coding
(Ø Indicates the Flickering Bit Between Logic 0 and 1)
Analog Input
D12 (Overrange Bit) Data Output Code
<- 2.0 V
0
OO OOOO OOOO
- 2.0 V +1 LSB
0
OO OOOO OOOØ
0 V
0
ØØ ØØØØ ØØØØ
+ 2.0 V - 1 LSB
0
11 1111 111Ø
> + 2.0 V + 1/2 LSB
1
11 1111 1111
Pin 21 is the analog input pin. Selecting the analog input
driver for the SPT7820/24 is less of an issue than with most
Flash ADCs because the input impedance and input capaci-
tance are typically 300 k
Ω and 5 pF, respectively. For
example, at 10 MHz and 4 V
P-P sinewave input, the input
driver source only requires 0.648 mA of peak output current
(4
πFC).
The analog input is directly fed from a BNC (VIN). R10 (51
Ω), analog input source termination is mounted on a socket
as a user-selectable termination. The analog input pin has
no circuit protection. Its maximum rating is from VFT to VFB
(
±2.5 V). In an application in which the analog input range is
greater than
±2.5 V, protect the input pin from permanent
damage with a voltage limiter.
INPUT CLOCK DRIVER
CLK is the single-ended input clock to the EB7820/24 (evalu-
ation board), CLK IN is the input clock to the SPT7820 or
SPT7824, and CCLK is the capture clock used for the output
latches (U7 & U8).
The clock input of the SPT7820/24 requires a TTL-logic level
of 6 nsec or faster to improve the noise. TTL-logic family
(74FXX) is good for driving the SPT7820/24. Finding a TTL-
square wave generator up to 40 MHz with fast slew rate and
low jitter is harder than a sine wave, low jitter generator. U5
(MAX9686, TTL-voltage comparator) provides most of the
above requirements to drive the SPT7820 or SPT7824 (ex-
cept the low jitter generator). The CLK signal can be a sine
wave signal with the amplitude not to exceed
± 3 V (input
common mode limitation of U5). R11 (51
Ω) is the CLK
source termination. Use R3 to adjust the duty cycle of the
CLK IN. CLK IN is in phase with CLK and has a a propagation
delay of 6 nsec typically. The positive clock (CLK IN) pulse
width must be kept between 10 nsec and 300 nsec for the
mends that these references (VFT & VFB) be operated to
within
± 2% (or ± 2.5 V ± 50 mV) to maintain accuracy within
the specified limit. Before each EB7820/24 board is shipped,
the references are adjusted for VFT and VFB of
±2.5 V ±5 mV
respectively. For each new SPT7820 or SPT7824, VST and
VSB need to be readjusted.
All measurement must be
referenced to AGND test point (provided).
REFERENCE MONITORING
Table 2 - Recommended Operating Voltage Range
Monitoring
Ref
Point
Min
Typ
Max
Adjust
VST
U1, PIN 20
+1.95 V
+2.00 V +2.05 V
R1
VSB
U1, PIN 23
- 2.05 V
- 2.00 V - 1.95 V
R2
Note that the SPT7820 and SPT7824 (especially refer-
ence taps VFT VFB, VST and VRM) are sensitive to
electrostatic discharge (ESD).
Figure 4A shows one type of reference driver. Figure 4B is
another way to drive the reference circuits using force and
sense. The alternate circuit provides better control of plus
full scale (+FS) and minus full scale (-FS) errors by sensing
VST and VSB to
± 2.0 V respectively. However, the refer-
ence pins VST and VSB are not low impedance nodes that
require additional precaution when routing (PCB layout).
Figure 4A - Reference Driver
REF-03
VFT
VFB
OP-07
-2.5 V
R
R
Figure 4B - Alternative Reference Driver
10 k
OP-07
+
-
OP-07
+2.0 V
REF-03
OUT
10 k
10 k
VFT
VST
VSB
VFB
0.1
+2.0 V
-2.0 V
≈ -2.5 V
≈ +2.5 V
+2.5 V
SPT7820 OR SPT7824, 10-BIT ADC
The SPT7820 integrated circuit is a 10-bit analog-to-digital
converter capable of digitizing an input signal with a minimum
update rate of 20 mega-samples per second (MSPS). The
SPT7824, on the other hand is pin compatible with the
SPT7820 except that it is faster: 40 MSPS for the sampling


Similar Part No. - SPT7820

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7820ACN CADEKA-SPT7820ACN Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7820ACS CADEKA-SPT7820ACS Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7820AIJ CADEKA-SPT7820AIJ Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7820AMJ CADEKA-SPT7820AMJ Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
More results

Similar Description - SPT7820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com