Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAD1A-1-3-M12-5 Datasheet(PDF) 11 Page - Lumberg

Part # VAD1A-1-3-M12-5
Description  Connectors & Components for Automation Technology
Download  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

VAD1A-1-3-M12-5 Datasheet(HTML) 11 Page - Lumberg

Back Button VAD1A-1-3-M12-5 Datasheet HTML 7Page - Lumberg VAD1A-1-3-M12-5 Datasheet HTML 8Page - Lumberg VAD1A-1-3-M12-5 Datasheet HTML 9Page - Lumberg VAD1A-1-3-M12-5 Datasheet HTML 10Page - Lumberg VAD1A-1-3-M12-5 Datasheet HTML 11Page - Lumberg VAD1A-1-3-M12-5 Datasheet HTML 12Page - Lumberg VAD1A-1-3-M12-5 Datasheet HTML 13Page - Lumberg VAD1A-1-3-M12-5 Datasheet HTML 14Page - Lumberg VAD1A-1-3-M12-5 Datasheet HTML 15Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
11
Actuator/Sensor Distribution Boxes
M12 Distribution Boxes
Part No.
ASNBV 8/LED 5-278/5 M
ASNBV 8/LED 5-278/10 M
ASNBV 8/LED 5-278/15 M
M12-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP), Top
Entry, 8-Ports, M12 Sockets, 5-Poles, 2 Signals per
Port, with Stainless Steel Housing and PVC Home Run
Cable. IP 69K Rated.
– especially designed for use in
Food Processing equipment –
Cable Type: 278
PVC, black
M12-Distribution Box
Actuator-/-Sensor Distribution Box with LED (PnP),
Side Entry, 8-Ports, M12 Sockets, 5-Poles, 2 Signals
per Port, with Stainless Steel Housing and PVC Home
Run Cable. IP 69K Rated.
– especially designed for use in
Food Processing equipment –
Cable Type: 320
PVC, black
M12-Distribution Box
Actuator-/Sensor-Distribution Box, Top Entry, 4-, 6-
and 8-Ports, M12 Sockets, 4-Poles, 1 Signal per Port,
with PUR Halogen Free Home Run Cable. IP 67 Rated.
Cable Type: 328 | 330 | 331
PUR, halogen-free, black
M12-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP),
Top Entry, 4-, 6- and 8-Ports, M12 Sockets, 4-Poles,
1 Signal per Port, with PUR Halogen Free Home Run
Cable.
IP 67 Rated.
Cable Type: 328 | 330 | 331
PUR, halogen-free, black
Part No.
ASNBL 8/LED 5-4-320/5
ASNBL 8/LED 5-4-320/10 M
ASNBL 8/LED 5-4-320/15 M
Part No.
ASB 4 5-4-328/5 M
ASB 4 5-4-328/10 M
ASB 6 5-4-330/5 M
ASB 6 5-4-330/10 M
ASB 8 5-4-331/5 M
ASB 8 5-4-331/10 M
Part No.
ASB 4/LED 5-4-328/5 M
ASB 4/LED 5-4-328/10 M
ASB 6/LED 5-4-330/5 M
ASB 6/LED 5-4-330/10 M
ASB 8/LED 5-4-331/5 M
ASB 8/LED 5-4-331/10 M
ASNBV 8/LED
ASNBL 8/LED
ASB
ASB.../LED
Distribution
Boxes


Similar Part No. - VAD1A-1-3-M12-5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAD10 CUI-VAD10 Datasheet
111Kb / 3P
   DC/DC converter
VAD10-D12-D12 CUI-VAD10-D12-D12 Datasheet
111Kb / 3P
   DC/DC converter
VAD10-D12-D15 CUI-VAD10-D12-D15 Datasheet
111Kb / 3P
   DC/DC converter
VAD10-D12-S12 CUI-VAD10-D12-S12 Datasheet
111Kb / 3P
   DC/DC converter
VAD10-D12-S15 CUI-VAD10-D12-S15 Datasheet
111Kb / 3P
   DC/DC converter
More results

Similar Description - VAD1A-1-3-M12-5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
logo
List of Unclassifed Man...
9904291404 ETC-9904291404 Datasheet
357Kb / 3P
   Automation technology - sensors and actuators
2018-07-18
logo
Omron Electronics LLC
XN2_1011 OMRON-XN2_1011 Datasheet
809Kb / 6P
   Easy-wire connectors for Industrial Components
XN2 OMRON-XN2 Datasheet
888Kb / 8P
   Easy-wire connectors for Industrial Components
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
PHOENIX CONTACT
2400361 PHOENIX-2400361 Datasheet
76Kb / 3P
   Structure with the latest automation station based on Axiocontrol and Axioline components
logo
DB Lectro Inc
NCT DBLECTRO-NCT_07 Datasheet
586Kb / 3P
   Suitable for automobile, automation system,electronicequipment
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com