Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

662014231722 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 662014231722
Description  3.00MM MALE DUAL ROW SMT RIGHT ANGLE HEADER SMT SOLDER TAB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

662014231722 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  662014231722 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 662014231722 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 662014231722 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 3/3
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 662014231722

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
66201421122 WURTH-66201421122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
More results

Similar Description - 662014231722

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBC08SAAN ETC2-PBC08SAAN Datasheet
111Kb / 2P
   .100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
PBC04DFAN ETC2-PBC04DFAN Datasheet
111Kb / 2P
   100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
logo
Wurth Elektronik GmbH &...
662305131822 WURTH-662305131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
662306131822 WURTH-662306131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
logo
Molex Electronics Ltd.
0430451011 MOLEX1-0430451011_18 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Dual Row, 10 Circuits, with Solder Tab
logo
Wurth Elektronik GmbH &...
662303131822 WURTH-662303131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
662304131822 WURTH-662304131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
logo
Molex Electronics Ltd.
0430450611 MOLEX1-0430450611_18 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Dual Row, 6 Circuits, with Solder Tab
0430451209 MOLEX5-0430451209 Datasheet
188Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount, Dual Row, Right Angle, with Solder Tab, 12 Circuits
0430450610 MOLEX5-0430450610 Datasheet
192Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount, Dual Row, Right Angle, with Solder Tab, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com