Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L88EK Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L88EK
Description  8-Bit CMOS OTP Microcontrollers with 8k or 32k Memory, Comparator, and Single-slope A/D Capability
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L88EK Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP87L88EK Datasheet HTML 2Page - National Semiconductor (TI) COP87L88EK Datasheet HTML 3Page - National Semiconductor (TI) COP87L88EK Datasheet HTML 4Page - National Semiconductor (TI) COP87L88EK Datasheet HTML 5Page - National Semiconductor (TI) COP87L88EK Datasheet HTML 6Page - National Semiconductor (TI) COP87L88EK Datasheet HTML 7Page - National Semiconductor (TI) COP87L88EK Datasheet HTML 8Page - National Semiconductor (TI) COP87L88EK Datasheet HTML 9Page - National Semiconductor (TI) COP87L88EK Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
c)
Crystal, Resonator,
4.5V
≤ V
CC ≤ 5.5V
1.0
DC
µs
R/C Oscillator
4.5V
≤ V
CC ≤ 5.5V
3.0
DC
µs
Inputs
t
SETUP
4.5V
≤ V
CC ≤ 5.5V
200
ns
t
HOLD
4.5V
≤ V
CC ≤ 5.5V
60
ns
Output Propagation Delay (Note 7)
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4.5V
≤ V
CC ≤ 5.5V
0.7
µs
All Others
4.50V
≤ V
CC ≤ 5.5V
1.0
µs
MICROWIRE Setup Time (t
UWS) (Note 7)
V
CC ≥ 4.5V
20
ns
MICROWIRE Hold Time (t
UWH) (Note 7)
V
CC ≥ 4.5V
56
ns
MICROWIRE Output Propagation Delay (t
UPD)VCC ≥ 4.5V
220
ns
Input Pulse Width (Note 8)
Interrupt Input High Time
1.0
t
c
Interrupt Input Low Time
1.0
t
c
Timer 1, 2, 3 Input High Time
1.0
t
c
Timer 1, 2, 3 Input Low Time
1.0
t
c
Reset Pulse Width
1.0
µs
Note 2: tc = Instruction Cycle Time
Note 3: Maximum rate of voltage change must be < 0.5 V/ms.
Note 4: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180˚ out of phase with CKI, inputs connected to VCC
and outputs driven low but not connected to a load.
Note 5: The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations. Measurement of IDD HALT is done with device neither sourcing nor
sinking current; with L, C, G0, and G2–G5 programmed as low outputs and not driving a load; all outputs programmed low and not driving a load; all inputs tied to
VCC; clock monitor and comparator disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register. Part will pull up CKI during HALT
in crystal clock mode.
Note 6: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when
biased at voltages > VCC(the pins do not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω (typical). These two
pins will not latch up. The voltage at the pins must be limited to < 14V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning ex-
cludes ESD transients.
Note 7: The output propagation delay is referenced to the end of the instruction cycle where the output change occurs.
Note 8: Parameter characterized but not tested.
www.national.com
6


Similar Part No. - COP87L88EK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88EB NSC-COP87L88EB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L88EGN-XE NSC-COP87L88EGN-XE Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP87L88EGN-XE NSC-COP87L88EGN-XE Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP87L88EGV-XE NSC-COP87L88EGV-XE Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP87L88EGV-XE NSC-COP87L88EGV-XE Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
More results

Similar Description - COP87L88EK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888EK NSC-COP888EK Datasheet
553Kb / 46P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L88EB NSC-COP87L88EB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com