Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L89EB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L89EB
Description  8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L89EB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP87L89EB Datasheet HTML 3Page - National Semiconductor (TI) COP87L89EB Datasheet HTML 4Page - National Semiconductor (TI) COP87L89EB Datasheet HTML 5Page - National Semiconductor (TI) COP87L89EB Datasheet HTML 6Page - National Semiconductor (TI) COP87L89EB Datasheet HTML 7Page - National Semiconductor (TI) COP87L89EB Datasheet HTML 8Page - National Semiconductor (TI) COP87L89EB Datasheet HTML 9Page - National Semiconductor (TI) COP87L89EB Datasheet HTML 10Page - National Semiconductor (TI) COP87L89EB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
CAN Comparator DC and AC Characteristics
4.8V
≤ V
CC ≤ 5.2V, −40˚C ≤ TA ≤ +85˚C
Parameter
Conditions
Min
Typ
Max
Units
Differential Input Voltage
±25
mV
Input Offset Voltage
1.5V < V
IN < VCC −1.5V
±10
mV
Input Common Mode
1.5
V
CC −1.5
V
Voltage Range
Input Hysteresis
8
mV
A/D Converter Specifications
(4.5V
≤ V
CC ≤ 5.5V) (VSS − 0.050V) ≤ Any Input ≤ (VCC + 0.050V)
Parameter
Conditions
Min
Typ
Max
Units
Resolution
8
Bits
Absolute Accuracy
V
REF =VCC
±2
LSB
Non-Linearity
±1
LSB
Deviation from the Best Straight Line
Differential Non-Linearity
±1
LSB
Common Mode Input Range (Note 14)
GND
V
CC
V
DC Common Mode Error
±0.5
LSB
Off Channel Leakage Current
1
2.0
µA
On Channel Leakage Current
1
2.0
µA
A/D Clock Frequency (Note 13)
0.1
1.67
MHz
Conversion Time (Note 12)
17
A/D Clock Cycles
Internal Reference Resistance Turn-On Time (Note 15)
1
µs
Note 12: Conversion Time includes sample and hold time.
Note 13: See Prescaler description.
Note 14: For VIN(−)=VIN(+) the digital output code will be 0000 0000. Two on-chip doides are ties to each analog input. The diodes will forward conduct for analog
input voltages below ground or above the VCC supply. Be careful, during testing at low VCC levels (4.5V), as high level analog inputs (5V) can cause this input diode
to conduct — especially at elevated temperatures, and cause errors for analog inputs near full-scale. The spec allows 50 mV forward bias of either diode. This means
that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be correct. To achieve an absolute 0 VDC to 5 VDC input
voltage range will therefore require a minimum supply voltage of 4.950 VDC over temperature variations, initial tolerance and loading.
Note 15: Time for internal reference resistance to turn on after coming out of Halt or Idle Mode.
DS100044-4
FIGURE 3. MICROWIRE/PLUS Timing Diagram
DS100044-5
FIGURE 4. SPI Timing Diagram
www.national.com
7


Similar Part No. - COP87L89EB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L84 NSC-COP87L84 Datasheet
660Kb / 54P
   8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
COP87L84BC NSC-COP87L84BC Datasheet
660Kb / 54P
   8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
COP87L84CF NSC-COP87L84CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87L84CLM-XE NSC-COP87L84CLM-XE Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
Texas Instruments
COP87L84CLM-XE TI1-COP87L84CLM-XE Datasheet
606Kb / 42P
[Old version datasheet]   COP888CL 8-Bit Microcontroller
More results

Similar Description - COP87L89EB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L84BC NSC-COP87L84BC Datasheet
660Kb / 54P
   8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP87L88EK NSC-COP87L88EK Datasheet
515Kb / 41P
   8-Bit CMOS OTP Microcontrollers with 8k or 32k Memory, Comparator, and Single-slope A/D Capability
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com