Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

665313124022 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 665313124022
Description  WR-WTB 1.00 M M SM T MA LE VE RTICAL SH ROUDED HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

665313124022 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  665313124022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 665313124022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 665313124022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
16-JUL-14
PDF
AS
APPROVAL:
UNIT: MM
DESCRIPTION: WR-WTB 1.00 MM SMT MALE VERTICAL SHROUDED HEADER
SCALE:
SHEET: 1/
WERI PART NO: 665 3xx 124 022
DRAW: AS
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PA 46
FLAMMABILITY RATING: UL94-V0
COLOR: BEIGE
CONTACT MATERIAL: PHOSPHOR BRONZE
CONTACT TYPE: STAMPED
CONTACT PLATING: TIN
QUALITY CLASS: 25 MATING CYCLES
PITCH: 1.00 MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -25 UP TO 85°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING:1A
WORKING VOLTAGE: 50 VAC
INSULATOR RESISTANCE: >100 MΩ
N
M
/
C
A
V
0
0
5
:
E
G
A
T
L
O
V
G
N
I
D
N
A
T
S
H
T
I
W
C
I
R
T
C
E
L
E
I
D
CONTACT RESISTANCE: 20 mΩ MAX
PACKAGING
TAPE & REEL WITH CAP
DIMENSION
A = NB. PIN - 1
B = NB. PIN - 1 + 3
SOLDERING
SOLDER TEMP.: JEDEC LEAD FREE REFLOW SOLDERING
0.3
STANDARD
CERTIFIED: E323964
B
14-OCT-14
TPK DWG UPDATE
QL


Similar Part No. - 665313124022

ManufacturerPart #DatasheetDescription
logo
Littelfuse
665 LITTELFUSE-665 Datasheet
114Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature
logo
Marl International Limi...
665 MARL-665 Datasheet
397Kb / 4P
   횠8.5mm mounting Hard black anodised aluminium housing
logo
3M Electronics
665 3M-665 Datasheet
61Kb / 5P
   3M Repositionable Tapes
logo
Oscilent Corporation
665-455-24 OSCILENT-665-455-24 Datasheet
124Kb / 1P
   455 KHz Discriminator
665-455-28 OSCILENT-665-455-28 Datasheet
124Kb / 1P
   455 KHz Discriminator
More results

Similar Description - 665313124022

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6650XX113322 WURTH-6650XX113322 Datasheet
430Kb / 3P
   WR-WTB 1.00 M M FE MALE TER MINAL HOU SING
B 14-OCT-14
6651XX131822 WURTH-6651XX131822 Datasheet
620Kb / 3P
   WR-WTB 1.00 MM SMT MALE HORIZONTAL SHROUDED HEADER
61900811121 WURTH-61900811121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
   WR-WTB Male Vertical Shrouded Header
2022-09-22
61901011121 WURTH-61901011121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
61900711121 WURTH-61900711121 Datasheet
291Kb / 6P
   WR-WTB Male Vertical Locking Header
002.000
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
   WR-WTB SMT Male Vertical Shrouded Header
002.000
logo
PHOENIX CONTACT
1506914 PHOENIX-1506914 Datasheet
170Kb / 5P
   SACC-M 8MS-4CON-M-SH
Jan 6, 2011
1506927 PHOENIX-1506927 Datasheet
169Kb / 5P
   SACC-M 8FS-3CON-M-SH
Jan 6, 2011
1542910 PHOENIX-1542910 Datasheet
136Kb / 4P
   SACC-M 8FS-4CON-M-0,34-SH
Jan 6, 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com