Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C4098-12 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C4098-12
Description  5V/3.3V 256K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4098-12 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C4098-12 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4098-12 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4098-12 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4098-12 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4098-12 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4098-12 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4098-12 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4098-12 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4098-12 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
AS7C4098
AS7C34098
1/13/05; v.1.9
Alliance Semiconductor
P. 4 of 10
Key to switching waveforms
Read waveform 1 (address controlled)6,7,9
Read cycle (over the operating range)3,9
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min Max Min Max Min Max
Read cycle time
tRC
10
12
15
20
ns
Address access time
tAA
10
12
15
20
ns
Chip enable (CE) access time
tACE
10
12
15
20
ns
Output enable (OE) access time
tOE
5
–6–7–8
ns
Output hold from address change
tOH
3
3–3–3–
ns
5
CE Low to output in low Z
tCLZ
0
3–0–0–
ns
4, 5
CE High to output in higfch Z
tCHZ
5
–6–7–9
ns
4, 5
OE Low to output in low Z
tOLZ
0
0–0–0–
ns
4, 5
OE High to output in high Z
tOHZ
5
–6–7–9
ns
4, 5
LB, UB access time
tBA
5
–6–7–8
ns
LB, UB Low to output in low Z
tBLZ
0
0–0–0–
ns
LB, UB High to output in high Z
tBHZ
5
–6–7–9
ns
Power up time
tPU
0
0–0–0–
ns
5
Power down time
tPD
10
12
15
20
ns
5
Undefined/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DataOUT
Address
Data valid
Previous data valid


Similar Part No. - AS7C4098-12

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C4098A ALSC-AS7C4098A Datasheet
524Kb / 19P
   2.5V 512K x 32/36 flowthrough burst synchronous SRAM
AS7C4098A ALSC-AS7C4098A Datasheet
257Kb / 11P
   5.0 V 256 K 횞 16 CMOS SRAM
AS7C4098A ALSC-AS7C4098A_06 Datasheet
257Kb / 11P
   5.0 V 256 K 횞 16 CMOS SRAM
More results

Similar Description - AS7C4098-12

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com