Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM1004-5V0C Datasheet(PDF) 3 Page - Sumida Corporation

Part # SPM1004-5V0C
Description  12V Input 6A Output Power Supply in Inductor (PSI2) Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1004-5V0C Datasheet(HTML) 3 Page - Sumida Corporation

  SPM1004-5V0C Datasheet HTML 1Page - Sumida Corporation SPM1004-5V0C Datasheet HTML 2Page - Sumida Corporation SPM1004-5V0C Datasheet HTML 3Page - Sumida Corporation SPM1004-5V0C Datasheet HTML 4Page - Sumida Corporation SPM1004-5V0C Datasheet HTML 5Page - Sumida Corporation SPM1004-5V0C Datasheet HTML 6Page - Sumida Corporation SPM1004-5V0C Datasheet HTML 7Page - Sumida Corporation SPM1004-5V0C Datasheet HTML 8Page - Sumida Corporation SPM1004-5V0C Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SPM1004
Version 3.3
February 19, 2016
Page 3 of 28
ELECTRICAL CHARACTERISTICS
The electrical characteristics are presented in two parts. Part 1 provides the electrical characteristics that are common
to all models and Part 2 provides the electrical characteristics that are specific to each model.
The electrical performance is based on the following conditions unless otherwise stated: 25°C ambient temperature,
no air flow; VIN = 12V, IOUT = 6A, CIN = 100μF ceramic, COUT = 200μF ceramic.
Part 1: Electrical Characteristics Common to All Models:
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT:
Output current
TA = -40°C to 85°C, natural convection
0
6
A
VIN:
Input voltage
TA = -40°C to 85°C; IOUT 0 to max
9
12
15
V
VEN_ON
Enable on voltage
Enable high voltage (module turned on)
1.1
1.3
V
VEN_OFF Enable off voltage
Enable low voltage (module turned off)
0.5
0.6
V
IEN
Enable input current
VEN = 2V
0.1
mA
VEN = 0V
0
μA
ISTBY
Input standby current
EN pin to PGND (shut down)
0.2
0.5
mA
EN = 2V, IOUT = 0A
1.0
2.5
mA
PWRGD Power Good Signal
VOUT rising
(% of VOUT)
PWRGD high
87%
91%
94%
Leakage current
10
100
nA
PWRGD delay
2.5
ms
VOUT falling
(% of VOUT)
PWRGD low
80%
V
At 4mA sink current
0.4
V
OVP
Over-Voltage Protection
OVP threshold (percentage of nominal)
117%
120%
123%
OVP shutdown delay
2
μs
Thermal shutdown (die temperature)
Thermal shutdown
170
°C
Thermal shutdown recovery hysteresis
15
°C
VAUX: Auxiliary output
Output voltage
4.6
4.8
5.0
V
Output current
1
mA
CVAUX: External capacitor at VAUX
Ceramic
22
μF
CPVIN: External capacitor at PVIN
Ceramic
47
μF
Non-ceramic
220
μF
COUT: External output capacitor
Ceramic
100
200
500
μF
Non-ceramic (Electrolytic or tantalum)
2000
μF


Similar Part No. - SPM1004-5V0C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10040T-100M-HZ TDK-SPM10040T-100M-HZ Datasheet
277Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-150M-HZ TDK-SPM10040T-150M-HZ Datasheet
280Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-1R0M-HZ TDK-SPM10040T-1R0M-HZ Datasheet
274Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-1R5M-HZ TDK-SPM10040T-1R5M-HZ Datasheet
278Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-220M-HZ TDK-SPM10040T-220M-HZ Datasheet
279Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM1004-5V0C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1005 SUMIDA-SPM1005 Datasheet
2Mb / 29P
   3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
SPM1006 SUMIDA-SPM1006 Datasheet
1Mb / 22P
   4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
logo
Maxim Integrated Produc...
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
   Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
logo
Coolgear Inc.
12V7A2P-A COOLGEAR-12V7A2P-A Datasheet
381Kb / 2P
   12V 6A Power Supply for 2 Pin USB Hub Power A
12V7A3P-B COOLGEAR-12V7A3P-B Datasheet
199Kb / 2P
   12V 6A Power Supply for 3 Pin USB Hub Power B
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
   Digital Input Module 16ch, Built-in power supply
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
logo
Coolgear Inc.
12V7A2P-B COOLGEAR-12V7A2P-B Datasheet
391Kb / 2P
   70w 12V/6A Power Supply for 2 Pin USB Hub Power B
logo
Rohm
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com