Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM1005-ZC Datasheet(PDF) 8 Page - Sumida Corporation

Part # SPM1005-ZC
Description  3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1005-ZC Datasheet(HTML) 8 Page - Sumida Corporation

Back Button SPM1005-ZC Datasheet HTML 4Page - Sumida Corporation SPM1005-ZC Datasheet HTML 5Page - Sumida Corporation SPM1005-ZC Datasheet HTML 6Page - Sumida Corporation SPM1005-ZC Datasheet HTML 7Page - Sumida Corporation SPM1005-ZC Datasheet HTML 8Page - Sumida Corporation SPM1005-ZC Datasheet HTML 9Page - Sumida Corporation SPM1005-ZC Datasheet HTML 10Page - Sumida Corporation SPM1005-ZC Datasheet HTML 11Page - Sumida Corporation SPM1005-ZC Datasheet HTML 12Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SPM1005
Version 1.4
February 19, 2016
Page 8 of 29
PIN Name
Description
VSENSE
(A5)
Remote sensing pin for the output voltage. Connect this signal to VOUT close to the load for
improved regulation. Do not use an LC filter between VOUT pins of the module and the point
where VSENSE is connected.
Note: this pin is not connected to VOUT inside the module and must be connected externally.
LGA PACKAGE
56 PINS
(TOP VIEW)
4
3
2
1
5
6
7
8
A
AGND
COMP
RT/CLK
SS/TR
VOUT
PGND
VIN
PWRGD
STSEL
PHASE
EN
VSENSE
VADJ
PGND
PGND
B
C
D
E
F
G


Similar Part No. - SPM1005-ZC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-100M-HZ TDK-SPM10054T-100M-HZ Datasheet
265Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10054T-100M-HZR TDK-SPM10054T-100M-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-150M-HZR TDK-SPM10054T-150M-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-1R0M-HZ TDK-SPM10054T-1R0M-HZ Datasheet
265Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM1005-ZC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1006 SUMIDA-SPM1006 Datasheet
1Mb / 22P
   4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
logo
Bel Fuse Inc.
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
logo
List of Unclassifed Man...
PD-NPM-0305EP ETC1-PD-NPM-0305EP Datasheet
45Kb / 3P
   DSL NTU POWER MODULE (36-130V DC INPUT, 5V DC, 3.3V DC OUTPUT)
logo
Maxim Integrated Produc...
MAX682 MAXIM-MAX682 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
logo
SparkFun Electronics
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
   SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com