Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM1006-0V6C Datasheet(PDF) 8 Page - Sumida Corporation

Part # SPM1006-0V6C
Description  4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1006-0V6C Datasheet(HTML) 8 Page - Sumida Corporation

Back Button SPM1006-0V6C Datasheet HTML 4Page - Sumida Corporation SPM1006-0V6C Datasheet HTML 5Page - Sumida Corporation SPM1006-0V6C Datasheet HTML 6Page - Sumida Corporation SPM1006-0V6C Datasheet HTML 7Page - Sumida Corporation SPM1006-0V6C Datasheet HTML 8Page - Sumida Corporation SPM1006-0V6C Datasheet HTML 9Page - Sumida Corporation SPM1006-0V6C Datasheet HTML 10Page - Sumida Corporation SPM1006-0V6C Datasheet HTML 11Page - Sumida Corporation SPM1006-0V6C Datasheet HTML 12Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SPM1006
Version 1.5
March 16, 2016
Page 8 of 22
VOUT = 3.3V, TA = 25°C
Fig. 5 Efficiency vs Output Current (VOUT=3.3V)
Fig. 6 Power Dissipation vs Output Current
(VOUT=3.3V)
VOUT = 1.8V, TA = 25°C
Fig. 7 Efficiency vs Output Current (VOUT=1.8V)
Fig. 8 Power Dissipation vs Output Current
(VOUT=1.8V)


Similar Part No. - SPM1006-0V6C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-0V8C SUMIDA-SPM1004-0V8C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V0C SUMIDA-SPM1004-1V0C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V2C SUMIDA-SPM1004-1V2C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V5C SUMIDA-SPM1004-1V5C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
More results

Similar Description - SPM1006-0V6C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1005 SUMIDA-SPM1005 Datasheet
2Mb / 29P
   3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
logo
International Rectifier
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
M3G2803R305R4T IRF-M3G2803R305R4T_15 Datasheet
149Kb / 9P
   28V Input, Triple Output
M3G2803R312T IRF-M3G2803R312T_15 Datasheet
147Kb / 10P
   28V Input, Triple Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
   Digital Input Module 16ch, Built-in power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com