Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM1004-1V5C Datasheet(PDF) 9 Page - Sumida Corporation

Part # SPM1004-1V5C
Description  12V Input 6A Output Power Supply in Inductor (PSI2) Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1004-1V5C Datasheet(HTML) 9 Page - Sumida Corporation

Back Button SPM1004-1V5C Datasheet HTML 5Page - Sumida Corporation SPM1004-1V5C Datasheet HTML 6Page - Sumida Corporation SPM1004-1V5C Datasheet HTML 7Page - Sumida Corporation SPM1004-1V5C Datasheet HTML 8Page - Sumida Corporation SPM1004-1V5C Datasheet HTML 9Page - Sumida Corporation SPM1004-1V5C Datasheet HTML 10Page - Sumida Corporation SPM1004-1V5C Datasheet HTML 11Page - Sumida Corporation SPM1004-1V5C Datasheet HTML 12Page - Sumida Corporation SPM1004-1V5C Datasheet HTML 13Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SPM1004
Version 3.3
February 19, 2016
Page 9 of 28
PIN DESCRIPTIONS (ALL SPM1004 Models)
PIN Name
Description
PVIN
(A3, B3, C3, D3, E3, F3, G2-G3)
Input voltage pins, referenced to PGND. Connect input ceramic capacitors between these
pins and PGND plane, close to the power module. It is suggested to place the ceramic
capacitors at both sides of the module, one between PIN A3 and PIN A4-A5 and one
between PIN G2-G3 and PIN G4-G5.
VAUX
(A1, B1)
Auxiliary output from an LDO in the module, which is referenced to AGND. An external
capacitor is not normally necessary but can be added if required.
Note: VAUX pin can only provide 1mA maximum current.
PHASE
(A6-A8)
Switching node of the Buck converter. Connect these pins together using a small and
isolated copper plane under the module for best thermal performance. Do not connect any
external component to these pins. Do not use these pins for other functions.
VOUT
(E6-E11, F6-F11, G6-G11)
Output voltage pins. Connect these pins together onto a copper plane. Connect external
output filter capacitors between these pins and PGND plane, close to the module.
PGND
(A4-A5, A9-A11, B4-B11, C4-
C11, D4-D11, E4, F4-F5, G4-
G5)
Zero DC voltage reference for power circuitry. These pins should be connected directly to
the PCB ground plane. All pins must be connected together externally with a copper plane
located directly under the module.
AGND
(A2, B2, C2)
Zero DC voltage reference for the analog control circuitry. A small analog ground plane is
recommended, and these pins should be connected directly to the PCB analog ground
plane. A single point external connection between AGND and PGND is recommended.
VADJ, SS, and VSENSE pins should be referenced to analog ground.
EN
(G1)
Enable and Under Voltage Lock Out (UVLO) pin. When floating or above Enable On Voltage
(VEN_ON), the power module will be turned on when the power input voltage (PVIN) is above
startup voltage (VSTART). When EN pin is below Enable Off Voltage (VEN_OFF), the power
module will be off.
Different startup voltage can be programmed by an external resistor if required, as
discussed on page 18.
VADJ
(F1)
Output voltage adjustment pin. The output voltage can be adjusted up to ±10% of its
nominal value. A resistor between VADJ and VSENSE will trim the output voltage down. A
resistor between VADJ and AGND will trim the output voltage up. Refer to page 15.
VSENSE
(E1)
Remote sensing pin. Connect this pin to VOUT close to the load for improved voltage
regulation.
Note: this pin is not connected to VOUT inside the module, and must be connected
externally.
SS
(D1)
Soft-start pin. Soft-start time can be increased by connecting a capacitor between this pin
and AGND.
PWRGD
(C1)
Power Good pin, an open drain output. A resistor connected between PWRGD and VAUX
can be used as a pull-up. PWRGD is high if the output voltage is higher than 91% of the
nominal value. It will be pulled down if the output voltage is less than 80% or higher than
120% of the nominal value.


Similar Part No. - SPM1004-1V5C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10040T-100M-HZ TDK-SPM10040T-100M-HZ Datasheet
277Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-150M-HZ TDK-SPM10040T-150M-HZ Datasheet
280Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-1R0M-HZ TDK-SPM10040T-1R0M-HZ Datasheet
274Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-1R5M-HZ TDK-SPM10040T-1R5M-HZ Datasheet
278Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-220M-HZ TDK-SPM10040T-220M-HZ Datasheet
279Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM1004-1V5C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1005 SUMIDA-SPM1005 Datasheet
2Mb / 29P
   3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
SPM1006 SUMIDA-SPM1006 Datasheet
1Mb / 22P
   4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
logo
Maxim Integrated Produc...
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
   Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
logo
Coolgear Inc.
12V7A2P-A COOLGEAR-12V7A2P-A Datasheet
381Kb / 2P
   12V 6A Power Supply for 2 Pin USB Hub Power A
12V7A3P-B COOLGEAR-12V7A3P-B Datasheet
199Kb / 2P
   12V 6A Power Supply for 3 Pin USB Hub Power B
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
   Digital Input Module 16ch, Built-in power supply
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
logo
Coolgear Inc.
12V7A2P-B COOLGEAR-12V7A2P-B Datasheet
391Kb / 2P
   70w 12V/6A Power Supply for 2 Pin USB Hub Power B
logo
Rohm
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com