Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM1006-1V0C Datasheet(PDF) 10 Page - Sumida Corporation

Part # SPM1006-1V0C
Description  4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1006-1V0C Datasheet(HTML) 10 Page - Sumida Corporation

Back Button SPM1006-1V0C Datasheet HTML 6Page - Sumida Corporation SPM1006-1V0C Datasheet HTML 7Page - Sumida Corporation SPM1006-1V0C Datasheet HTML 8Page - Sumida Corporation SPM1006-1V0C Datasheet HTML 9Page - Sumida Corporation SPM1006-1V0C Datasheet HTML 10Page - Sumida Corporation SPM1006-1V0C Datasheet HTML 11Page - Sumida Corporation SPM1006-1V0C Datasheet HTML 12Page - Sumida Corporation SPM1006-1V0C Datasheet HTML 13Page - Sumida Corporation SPM1006-1V0C Datasheet HTML 14Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SPM1006
Version 1.5
March 16, 2016
Page 10 of 22
APPLICATION INFORMATION
Output Voltage Programming
The output voltage is programmed using a resistor RPROG from VADJ to PGND, as shown in Fig. 13. By default, the output
voltage is 0.6V without a resistor connected.
Note that the input voltage must be at least 1.5V higher than the output voltage
Fig. 13 Output Voltage Programming Circuit
A single standard 1% resistor can be used to program for any of the common voltages shown in Table 1.
Table 1 - Output Voltage Programming Resistor
0.8V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5.0V
33.2kΩ
16.5kΩ
11kΩ
7.32kΩ
5.49kΩ
3.48kΩ
2.43kΩ
1.5kΩ
The programming resistor can be calculated for any output voltage using equation (1).
1
6
.
0
/
11
V
V
k
R
OUT
PROG
(1)
Note that the VADJ pin is noise sensitive and the connections to this pin should be kept as short as possible.
To further adjust the output voltage, another resistor RTRIM may be connected between VSENSE and VADJ, as shown
Fig. 14. The resulting output voltage is a function of equation (2).
)
)
11
11
*
(
1
(
*
6
.
0
PROG
TRIM
TRIM
OUT
R
k
R
k
R
V
V
(2)
VADJ
VSENSE
R1
RPROG
VOUT
COUT
0.6V
SPM1006
VOUT
AGND
PGND


Similar Part No. - SPM1006-1V0C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-0V8C SUMIDA-SPM1004-0V8C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V0C SUMIDA-SPM1004-1V0C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V2C SUMIDA-SPM1004-1V2C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1004-1V5C SUMIDA-SPM1004-1V5C Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
More results

Similar Description - SPM1006-1V0C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1005 SUMIDA-SPM1005 Datasheet
2Mb / 29P
   3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
logo
International Rectifier
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
M3G2803R305R4T IRF-M3G2803R305R4T_15 Datasheet
149Kb / 9P
   28V Input, Triple Output
M3G2803R312T IRF-M3G2803R312T_15 Datasheet
147Kb / 10P
   28V Input, Triple Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
   Digital Input Module 16ch, Built-in power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com