Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH65T46DPQ-T0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJH65T46DPQ-T0
Description  Power Factor Correction circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH65T46DPQ-T0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJH65T46DPQ-T0 Datasheet HTML 1Page - Renesas Technology Corp RJH65T46DPQ-T0 Datasheet HTML 2Page - Renesas Technology Corp RJH65T46DPQ-T0 Datasheet HTML 3Page - Renesas Technology Corp RJH65T46DPQ-T0 Datasheet HTML 4Page - Renesas Technology Corp RJH65T46DPQ-T0 Datasheet HTML 5Page - Renesas Technology Corp RJH65T46DPQ-T0 Datasheet HTML 6Page - Renesas Technology Corp RJH65T46DPQ-T0 Datasheet HTML 7Page - Renesas Technology Corp RJH65T46DPQ-T0 Datasheet HTML 8Page - Renesas Technology Corp RJH65T46DPQ-T0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RJH65T46DPQ-A0
Preliminary
R07DS1259EJ0100 Rev.1.00
Page 5 of 9
May 18, 2015
1
10
100
1
10
0.1
1000
100
10000
10
Switching Characteristics (Typical) (3)
Gate Registance Rg (
Ω)
(Inductive load)
Switching Characteristics (Typical) (4)
Gate Registance Rg (
Ω)
(Inductive load)
VCC = 400 V, VGE = 15 V
IC = 40 A, Tc = 150°C
10
100
0.1
1
10
10
20
30
70
50
20
30
70
50
100
1
10
100
Collector Current IC (A)
(Inductive load)
10
100
1000
Switching Characteristics (Typical) (1)
Switching Characteristics (Typical) (2)
Collector Current IC (A)
(Inductive load)
10
100
1000
50
25
150
75
125
100
Switching Characteristics (Typical) (5)
td(on)
Case Temperature Tc (°C)
(Inductive load)
VCC = 400 V, VGE = 15 V
IC = 40 A, Rg = 10 Ω
tf
td(off)
tr
0.1
1
10
50
25
150
75
125
100
Case Temperature Tc (°C)
(Inductive load)
Switching Characteristics (Typical) (6)
Eoff
Eon
VCC = 400 V, VGE = 15 V
IC = 40 A, Rg = 10 Ω
VCC = 400 V, VGE = 15 V
IC = 40 A, Tc = 150°C
Eoff
Eon
VCC = 400 V, VGE = 15 V
Rg = 10
Ω, Tc = 150°C
tr
td(on)
td(off)
tf
VCC = 400 V, VGE = 15 V
Rg = 10
Ω, Tc = 150°C
Eon
Eoff
tf
td(on)
tr
td(off)


Similar Part No. - RJH65T46DPQ-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH65T47DPQ-A0 RENESAS-RJH65T47DPQ-A0 Datasheet
348Kb / 10P
   Power Factor Correction circuit
RJH65T47DPQ-T0 RENESAS-RJH65T47DPQ-T0 Datasheet
348Kb / 10P
   Power Factor Correction circuit
More results

Similar Description - RJH65T46DPQ-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65T43DPM RENESAS-RJP65T43DPM Datasheet
143Kb / 8P
   Power Factor Correction circuit
RJH65T47DPQ-A0 RENESAS-RJH65T47DPQ-A0 Datasheet
348Kb / 10P
   Power Factor Correction circuit
logo
Fairchild Semiconductor
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com