Electronic Components Datasheet Search |
|
AE0505D44H40DF Datasheet(PDF) 2 Page - Kemet Corporation |
|
AE0505D44H40DF Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 13 page 2 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com P0101_AE • 4/6/2016 Multilayer Piezoelectric Actuators – AE Series Resin Coated Outer Dimensions in mm ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 2015.02.06 9470MPAVOL08E1501H1 Outer Dimensions Note: Factory-shipped polarization : Red lead wire=(+), White lead wire =(-) Above drawings do not include dimension of wire connection area and diameter of the wire. Please contact us for details. W1 W2 T1 T2 W3 W1 W2 T1 T2 W3 Unit:mm Model H T1 W1 T2 W2 W3 L AE0203D04DF 5±0.1 2±0.1 3±0.1 2.4Max 3.4Max 5.5Max 100 AE0203D08H09DF 9±0.1 AE0203D08DF 10±0.1 AE0203D18H18DF 18±0.1 AE0203D16DF 20±0.1 AE0203D44H40DF 40±0.1 AE0505D08H09DF 9±0.1 5±0.1 5±0.1 5.4Max 5.4Max 7.5Max AE0505D08DF 10±0.1 AE0505D18H18DF 18±0.1 AE0505D16DF 20±0.1 AE0505D44H40DF 40±0.1 AE0707D08H09DF 9±0.1 7±0.1 7±0.1 7.4Max 7.4Max 9.5Max AE0707D08DF 10±0.1 AE0707D18H18DF 18±0.1 AE0707D16DF 20±0.1 AE0707D44H40DF 40±0.1 AE1010D08H09DF 9±0.1 10±0.1 10±0.1 10.4Max 10.4Max 12.5Max AE1010D18H18DF 18±0.1 AE1010D16DF 20±0.1 AE1010D44H40DF 40±0.1 AE1414D16DF 20±0.1 14.2±0.1 14.2±0.1 14.6Max 14.6Max 16.7Max AE2525D15DF 20±0.1 25.1±0.1 25.1±0.1 25.5Max 25.5Max 27.6Max *L=Length of lead wire Overall length 10,20mm Products Overall length 5,9,18 and 40mm Products 8 Multilayer Piezoelectric Actuators Vol.08 Part Number H T 1 W 1 T 2 W 2 W 3 L AE0203D04DF 5 ±0.1 2 ±0.1 3 ±0.1 2.4 Maximum 3.4 Maximum 5.5 Maximum 100 AE0203D08DF 10 ±0.1 AE0203D16DF 20 ±0.1 AE0203D44H40DF 40 ±0.1 AE0505D08DF 10 ±0.1 5 ±0.1 5 ±0.1 5.4 Maximum 5.4 Maximum 7.5 Maximum AE0505D16DF 20 ±0.1 AE0505D44H40DF 40 ±0.1 AE1010D16DF 20 ±0.1 10 ±0.1 10 ±0.1 10.4 Maximum 10.4 Maximum 12.5 Maximum AE1010D44H40DF 40 ±0.1 Wire Diameter ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 2015.02.06 9470MPAVOL08E1501H1 Lead wire: Copper wire with Tin plating Coating: PTFE(Polytetrafluoroethylene) Unit:mm Model Number AWG φd φD L UL number AE0203D04DF 30 0.3 0.5 100 1993 AE0203D08H09DF AE0203D08DF AE0203D18H18DF AE0203D16DF AE0203D44H40DF AE0505D08H09DF AE0505D08DF AE0505D18H18DF 26 0.5 0.8 AE0505D16DF AE0505D44H40DF AE0707D08H09DF 30 0.3 0.5 AE0707D08DF AE0707D18H18DF 26 0.5 0.8 AE0707D16DF AE0707D44H40DF AE1010D08H09DF 30 0.3 0.5 AE1010D18H18DF 26 0.5 0.8 AE1010D16DF AE1010D44H40DF AE1414D16DF AE2525D15DF L φd =Diameter of lead wire φD =Outer diameter including the thickness of coating L =Length of lead wire Wire diameter Special Design Parts Non-standard parts are available per order basis. Please use the guideline below as reference regarding generated displacement and generated force. Displacement: Roughly proportional to the element length Generated force: Roughly proportional to the sectional area of the element Shape: Product cross-section: 1mm×1mm square or larger Product length: 1mm or longer Can be provided in cylindrical ring or other shapes. Please contact us for further details. Example of special design parts AL1.65×1.65×5DF AE1.65×1.65×5DF Condition Ceramic Dimension 1.65×1.65×5mm 1.65×1.65×5mm Maximum Operating Voltage(V) ±10V 150VDC Displacement (300nmp-p) (4μm) At maximum operating voltage Capacitance(nF) 90 43 f=1kHz, V=1Vrms Operating Temperature -25~+85℃ Small size piezo actuator Multilayer Piezoelectric Actuators Vol.08 9 Part Number AWG Ød ØD L UL Number AE0203D04DF 30 0.3 0.5 100 1993 AE0203D08DF AE0203D16DF AE0203D44H40DF AE0505D08DF AE0505D16DF 26 0.5 0.8 AE0505D44H40DF AE1010D16DF 26 0.5 0.8 AE1010D44H40DF |
Similar Part No. - AE0505D44H40DF |
|
Similar Description - AE0505D44H40DF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |