Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB340C801ND0LF Datasheet(PDF) 7 Page - Kemet Corporation

Part # ASB340C801ND0LF
Description  Multilayer Piezoelectric Actuators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ASB340C801ND0LF Datasheet(HTML) 7 Page - Kemet Corporation

Back Button ASB340C801ND0LF Datasheet HTML 3Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 4Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 5Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 6Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 7Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 8Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 9Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 10Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0102_ASB • 4/6/2016
Multilayer Piezoelectric Actuators – ASB Series Metal Sealed 85°C
User’s Guide
Fixing Method
• Carefully prevent the piezoelectric actuators from being bent, twisted or applied tensile force.
Reference: Twisting and Tension Tolerance
Reference Value
Remarks
Twisting Force
3 × 10-1 N • m or less
For an actuator which generates a force of
800 N (compression resistance).
Tension
50 N or less
• Install the actuator so that the center axis of the generated displacement is aligned with the center axis of the load.
• Select the mounting bracket (female thread type or flange type) according to the mounting method and install the element utilizing the
bracket.
• Fix the element securely so that the generated force and displacement cannot be deteriorated.
• Connect the driven item at the displacement generating end after securing the mounting portion, so that it avoids unnecessary stress
applied at the time of installation.
• Though this product is designed to apply a compresive force to the internal element by the metal case, avoid any usage that can
cause bending, twisting, or tension force when the device is in use.
Driving Method
• Connect the red lead wire to the positive (+) terminal of the power supply. Also prevent reverse voltage application.
• In driving applications, it is necessary to take consideration of hysteresis, ringing, creep, and other similar phenomenons. For pulse
driving, it is also necessary to be aware of self-heat generation, charge/discharge current, and the power supply’s impedance.


Similar Part No. - ASB340C801ND0LF

ManufacturerPart #DatasheetDescription
logo
NEC
ASB340C801NP0LF NEC-ASB340C801NP0LF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
More results

Similar Description - ASB340C801ND0LF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com