Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB170C801FD0LF Datasheet(PDF) 10 Page - Kemet Corporation

Part # ASB170C801FD0LF
Description  Multilayer Piezoelectric Actuators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ASB170C801FD0LF Datasheet(HTML) 10 Page - Kemet Corporation

Back Button ASB170C801FD0LF Datasheet HTML 4Page - Kemet Corporation ASB170C801FD0LF Datasheet HTML 5Page - Kemet Corporation ASB170C801FD0LF Datasheet HTML 6Page - Kemet Corporation ASB170C801FD0LF Datasheet HTML 7Page - Kemet Corporation ASB170C801FD0LF Datasheet HTML 8Page - Kemet Corporation ASB170C801FD0LF Datasheet HTML 9Page - Kemet Corporation ASB170C801FD0LF Datasheet HTML 10Page - Kemet Corporation ASB170C801FD0LF Datasheet HTML 11Page - Kemet Corporation ASB170C801FD0LF Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0102_ASB • 4/6/2016
Multilayer Piezoelectric Actuators – ASB Series Metal Sealed 85°C
Precautions cont’d
Standard Quality Level: Computers, office automation equipment, communication equipment, measuring instruments, AV
equipment, household electrical appliances, machine tools, personal equipment and industrial robots.
Special Quality Level: Transportation equipment (automobiles, railways, shipping), traffic signals, disaster prevention/crime
prevention systems, a variety of safety devices and medical equipment which are not directly intended for life-support purposes.
Custom Quality Level: Equipment for airplanes, aerospace equipment, nuclear power control systems, medical equipment
and apparatus or systems for life-support purposes.
Unless otherwise specified, the quality level of KEMET’s electronic component products shown in documents such as catalogs,
datasheets or technical books are the standard quality level.
Precautions to be taken when using Multilayer Piezoelectric Actuators
(Please read these precautions before using our products)
1. Before using or designing a system using our products, read the precautions and specifications (such as level of quality) for the
products you intend to use.
2. The main failures with multilayer piezeoelectric actuators are deterioration of insulation resistance, short-circuit, and open-circuit.
Before using the products, design systems carefully to ensure redundancy, prevention of the spread of fire, and prevention of faulty
operation allowing for the occurrence of failures.
3. Use the products after checking the working conditions and rated performance of each multilayer piezoelectric actuator series.
Selection of AE series (resin coated type) or ASB series (metal sealed type) should be based on the intended working temperature
and humidity.
3. This manual is subject to change without notice. The content of this manual is based on data which is correct as of December,
2014 and they may be changed without notice. If our products are used for mass-production design, please consult with a member
of our company’s sales staff.
4. Reprinting and copying of this manual without prior written permission from KEMET Electronics Corporation is not permitted.
5. In the event of any problems associated with industrial property of a third party arising as a result of the use of our products,
KEMET assumes no responsibility for problems other than directly associated with the constitution and manufacturing methods of
the product.
6. Should any of these products come under the category of strategic goods or services (according to Japan’s foreign trade and
foreign exchange regulations), the sender must obtain an export license from the Japanese Government before said products can
be exported outside Japan.


Similar Part No. - ASB170C801FD0LF

ManufacturerPart #DatasheetDescription
logo
NEC
ASB170C801FP0LF NEC-ASB170C801FP0LF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
More results

Similar Description - ASB170C801FD0LF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com