Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE1010D44H40DF Datasheet(PDF) 10 Page - Kemet Corporation

Part # AE1010D44H40DF
Description  Multilayer Piezoelectric Actuators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AE1010D44H40DF Datasheet(HTML) 10 Page - Kemet Corporation

Back Button AE1010D44H40DF Datasheet HTML 5Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 6Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 7Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 8Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 9Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 10Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 11Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 12Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0101_AE • 4/6/2016
Multilayer Piezoelectric Actuators – AE Series Resin Coated
Precautions
• Connect the red lead wire to the positive (+) terminal of the power supply.
• Avoid electric shocks since a high voltage is in use.
• Never apply excessive tension to a lead wire.
• Do not handle the product by picking up or moving the lead wire.
• Machining of the actuator element and replacement of the lead wire are
prohibited.
• Do not handle the resin coated type (AE series) with bare hands.
• Do not wash the resin coated type (AE series) with organic solvents.
• Avoid excessive physical shock. Otherwise, the internal piezoelectric ceramic
element may be damaged.
• If the actuator is exposed to high temperatures above 100°C or if used after
long storage periods (more than three months), the device should be polarized
by using the circuit configuration and conditions shown at right.
• Do not apply voltage exceeding maximum rating voltage, or rapid charging and discharging.
• Do not use the actuator in high concentrations of highly inflammable gas.
• Align the center axis of displacement of the actuator with the center axis of the mechanical load.
• When operated, the transient response time of the actuator should be less than 1/3 of the resonant frequency in order to prevent
damage by ringing.
• Store the resin coated type (AE series) preferably in a dry atmosphere (desirably below 40% RH) at ordinary temperatures (-5˚C to
+40˚C). Avoid condensation on the product’s surface.
• Store actuators where there is no vibration.
• Handle products properly as industrial waste. When disposing, please contact your local waste disposal service and make sure the
disposal methods meet all legal requirements.
When using our products, the following precautions should be taken:
1. Safety designs allowing for failures of electronic components used in the system. In general, failures will occur in electronic
components at a certain probability. KEMET makes every effort to improve the quality and reliability of electronic component
products. However, it is impossible to completely eliminate the probability of failures. Therefore, when using KEMET’s electronic
component products, systems should be carefully designed to ensure the prevention of faulty operation and redundancy in the
event of an accident which would result in injury or death, fire, or social damage. Please refer to Precautions when using multilayer
piezoelectric actuators for more details of failures.
2. Quality level of various kinds of parts and equipment in which the parts can be utilized as electronic components have a standard
quality level unless otherwise specified. KEMET classifies the level of quality of electronic component products into three levels:
a standard quality level, a special quality level, and a custom quality level in which a customer individually specifies a quality
assurance program. Each of the quality levels has recommended applications. If a user wants to use the electronic parts having a
standard quality level in applications other than the applications specified for the standard quality level, they should always consult
a KEMET representative before using the electronic parts.
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
● Connect the red lead wire to the positive(+)terminal of the power supply.
● Carefully avoid electric shock since a high voltage is in use.
● Never apply excessive tension to a lead wire. Do not handle the product by picking up or moving the lead wire.
● Do not disassemble the case of the metal sealed type.
● Machining of the actuator element and replacement of the lead wire are prohibited.
● Do not handle the resin-coated type(AE series)with bare hands. Otherwise, the reliability of the element
would be degraded.
● Do not wash resin-coated type(AE series)by organic solvant.
● Avoid excessive physical shock resulting from, for example, dropping. Otherwise, the internal piezoelectric ceramic
element may be damaged.
● If the actuator is exposed to high temperature above 100℃ or if it is used after long storage period(more
than three months), it should be polarized by using the circuit configuration and conditions shown below.
Precautions
R1
Protective resistor R1
=1kΩ
Protective resistor R2
=1kΩ
Polarizing conditions: DC voltage application
0V
→150±0.2V (to be retained for 10 seconds) →0
R2
PA
S
V
● Do not apply voltage exceeding maximum rating voltage, or do not do rapid charging and discharging.
These might lead to degradation of the reliability or mechanical fracture.
● Do not use the actuator in high concentration of highly inflammable gas. Otherwise, ignition may occur.
● Use the actuator so as not to cause bending, twisting or tension. Furthermore, align the center axis of displacement
of the actuator with the center axis of the mechanical load.
● Drive the actuator so that the rising speed is more than three times as much as the resonance period in
order to prevent the device from damaging by ringing.
● Store the resin-coated type(AE series)preferably in a dry atmosphere(desirably below 40% RH)at ordinary
temperatures(-5 to +40˚C). Avoid condensation on the product surface.
● Store actuators where there is no vibration.
● These products must be handled properly as industrial waste. When disposing, please contact your local waste
disposal service.
● Piezo actuator is industrial wastes, make sure disposal method under the laws.
26 Multilayer Piezoelectric Actuators Vol.08


Similar Part No. - AE1010D44H40DF

ManufacturerPart #DatasheetDescription
logo
NEC
AE1010D44H40DF NEC-AE1010D44H40DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
Kemet Corporation
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
More results

Similar Description - AE1010D44H40DF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com