Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C21ZITE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT24C21ZITE13
Description  1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C21ZITE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24C21ZITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C21ZITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C21ZITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C21ZITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C21ZITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C21ZITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C21ZITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C21ZITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C21ZITE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT24C21
10
Doc. No. 1032, Rev. O
Notes:
(1) The device used in the above example is a CAT24C21JI-TE13 (SOIC, Industrial Temperature, 2.5 Volt to 5.5 Volt Operating
Voltage, Tape & Reel)
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWB). For additional
information, please contact your Catalyst sales office.
ORDERING INFORMATION
*available upon request
Prefix
Device #
Suffix
24C21
J
I
TE13
Product Number
Tape & Reel
TE13: 2000/Reel
Package
P: PDIP
J: SOIC (JEDEC)
U: TSSOP
CAT
Temperature Range
I = Industrial (-40 to 85 C)
Optional
Company ID
R: MSOP
RD4: TDFN (3mm x 3mm)
L: PDIP (Lead free, Halogen free)
W: SOIC (Lead free, Halogen free)
Z: MSOP (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
ZD4: TDFN (3mm x 3mm, Lead free, Halogen free)
E = Extended (-40 to 125 C)*
Rev B(2)
Die Revision


Similar Part No. - CAT24C21ZITE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C21ZI ONSEMI-CAT24C21ZI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21ZI-GT3 ONSEMI-CAT24C21ZI-GT3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21ZI-T3 ONSEMI-CAT24C21ZI-T3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
More results

Similar Description - CAT24C21ZITE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
   1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
   1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
   Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com