Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD55-A Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # AD55-A
Description  55W Single Output with Battery Charging UPS Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AD55-A Datasheet(HTML) 1 Page - Astrodyne Corporation

  AD55-A Datasheet HTML 1Page - Astrodyne Corporation AD55-A Datasheet HTML 2Page - Astrodyne Corporation AD55-A Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AD55 series
55W Single Output with Battery Charging UPS Function
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
SPECIFICATION
MODEL
OUTPUT
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
SAFETY STANDARDS
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
BATTERY LOW
71%
74%
FUNCTION
27.6V
CH1
1.8A
53.92W
100mVp-p
1.0%
0.5%
0.5%
26.5V
CH2
0.16A
--------
--------
--------
--------
--------
13.4V
CH2
0.23A
--------
--------
--------
--------
--------
AD55-A
AD55-B
13.8V
3.5A
51.38W
100mVp-p
1.0%
0.5%
0.5%
AD-55 series
Note.2
Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
CH1
Optional DIN Rail Attachment - Page 3


Similar Part No. - AD55-A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AD55 MICROCHIP-AD55 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Analog Devices
AD5501 AD-AD5501 Datasheet
414Kb / 20P
   High Voltage, Quad-Channel 12-Bit Voltage Output DAC
REV. B
AD5504 AD-AD5504 Datasheet
414Kb / 20P
   High Voltage, Quad-Channel 12-Bit Voltage Output DAC
REV. B
AD5504BRUZ AD-AD5504BRUZ Datasheet
414Kb / 20P
   High Voltage, Quad-Channel 12-Bit Voltage Output DAC
REV. B
AD5504BRUZ-REEL AD-AD5504BRUZ-REEL Datasheet
414Kb / 20P
   High Voltage, Quad-Channel 12-Bit Voltage Output DAC
REV. B
More results

Similar Description - AD55-A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AD-55 MEANWELL-AD-55 Datasheet
706Kb / 2P
   55W Single Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
AD155 ASTRODYNE-AD155 Datasheet
601Kb / 3P
   155W Single Output with Battery Charging UPS Function
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
   155W Dual Output with Battery Charging UPS Function
AD-55 ASTRODYNE-AD-55 Datasheet
1Mb / 4P
   55W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
   40W Single Output with Battery Charger (UPS Function)
PSC-100 MEANWELL-PSC-100_V01 Datasheet
892Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
2021-06-21
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
DRC-60 MEANWELL-DRC-60 Datasheet
774Kb / 5P
   60W Single Output with Battery Charger (UPS Function)
PSC-60 MEANWELL-PSC-60 Datasheet
327Kb / 2P
   60W Single Output with Battery Charger(UPS Function)
PSC100B-C MEANWELL-PSC100B-C Datasheet
2Mb / 3P
   100W Single output with Battery Charger(UPS Function)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com