Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X104G4JACTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0805X104G4JACTU
Description  Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X104G4JACTU Datasheet(HTML) 5 Page - Kemet Corporation

  C0805X104G4JACTU Datasheet HTML 1Page - Kemet Corporation C0805X104G4JACTU Datasheet HTML 2Page - Kemet Corporation C0805X104G4JACTU Datasheet HTML 3Page - Kemet Corporation C0805X104G4JACTU Datasheet HTML 4Page - Kemet Corporation C0805X104G4JACTU Datasheet HTML 5Page - Kemet Corporation C0805X104G4JACTU Datasheet HTML 6Page - Kemet Corporation C0805X104G4JACTU Datasheet HTML 7Page - Kemet Corporation C0805X104G4JACTU Datasheet HTML 8Page - Kemet Corporation C0805X104G4JACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1087_U2J_FT-CAP_SMD • 6/7/2016
5
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0603 – 1812 Case Sizes)
Capacitance Cap
Code
Case Size/
Series
C0603X
C0805X
C1206X
C1210X
C1812X
Voltage Code
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
100 pF
101
F G J K M
110 pF
111
F G J K M
120 pF
121
F G J K M
130 pF
131
F G J K M
150 pF
151
F G J K M
160 pF
161
F G J K M
180 pF
181
F G J K M
200 pF
201
F G J K M
220 pF
221
F G J K M
240 pF
241
F G J K M
270 pF
271
F G J K M
300 pF
301
F G J K M
330 pF
331
F G J K M
360 pF
361
F G J K M
390 pF
391
F G J K M
430 pF
431
F G J K M
470 pF
471
F G J K M
510 pF
511
F G J K M
560 pF
561
F G J K M
620 pF
621
F G J K M
680 pF
681
F G J K M
750 pF
751
F G J K M
820 pF
821
F G J K M
910 pF
911
F G J K M
1,000 pF
102
F G J K M
CF
CF
CF
CF
1,100 pF
112
F G J K M
CF
CF
CF
CF
1,200 pF
122
F G J K M
CF
CF
CF
CF
1,300 pF
132
F G J K M
CF
CF
CF
CF
1,500 pF
152
F G J K M
CF
CF
CF
CF
1,600 pF
162
F G J K M
CF
CF
CF
CF
1,800 pF
182
F G J K M
CF
CF
CF
CF
2,000 pF
202
F G J K M
CF
CF
CF
CF
2,200 pF
222
F G J K M
CF
CF
CF
CF
2,400 pF
242
F G J K M
CF
CF
CF
CF
2,700 pF
272
F G J K M
CF
CF
CF
CF
3,000 pF
302
F G J K M
CF
CF
CF
CF
3,300 pF
332
F G J K M
CF
CF
CF
CF
3,600 pF
362
F G J K M
CF
CF
CF
CF
3,900 pF
392
F G J K M
CF
CF
CF
CF
4,300 pF
432
F G J K M
CF
CF
CF
CF
4,700 pF
472
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
5,100 pF
512
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
5,600 pF
562
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
6,200 pF
622
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
6,800 pF
682
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
7,500 pF
752
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
8,200 pF
822
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
9,100 pF
912
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
10,000 pF
103
F G J K M
CF
CF
CF
CF
DC
DC
DC
DC
EB
EB
EB
EB
FB
FB
FB
FB
12,000 pF
123
F G J K M
CF
CF
CF
DC
DC
DC
DC
EB
EB
EB
EB
FB
FB
FB
FB
15,000 pF
153
F G J K M
CF
CF
CF
DC
DC
DC
DC
EB
EB
EB
EB
FB
FB
FB
FB
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
Case Size/Series
C0603X
C0805X
C1206X
C1210X
C1812X
Preliminary Data Sheet


Similar Part No. - C0805X104G4JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X104J1RAC KEMET-C0805X104J1RAC Datasheet
113Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
C0805X104J1RACAUTO KEMET-C0805X104J1RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R Flex, Ceramic, 0.1 uF, 5%, 100 VDC, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 0805
C0805X104J1RACTU KEMET-C0805X104J1RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 0.1 uF, 5%, 100 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805
C0805X104J2RAC KEMET-C0805X104J2RAC Datasheet
113Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
C0805X104J3RAC KEMET-C0805X104J3RAC Datasheet
113Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
More results

Similar Description - C0805X104G4JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com