Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L88RW Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L88RW
Description  8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L88RW Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP87L88RW Datasheet HTML 4Page - National Semiconductor (TI) COP87L88RW Datasheet HTML 5Page - National Semiconductor (TI) COP87L88RW Datasheet HTML 6Page - National Semiconductor (TI) COP87L88RW Datasheet HTML 7Page - National Semiconductor (TI) COP87L88RW Datasheet HTML 8Page - National Semiconductor (TI) COP87L88RW Datasheet HTML 9Page - National Semiconductor (TI) COP87L88RW Datasheet HTML 10Page - National Semiconductor (TI) COP87L88RW Datasheet HTML 11Page - National Semiconductor (TI) COP87L88RW Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Reset
This device enters a reset state immediately upon detecting
a logic low on the RESET pin The RESET pin must be held
low for a minimum of one instruction cycle to guarantee a
valid reset During power-up initialization the user must in-
sure that the RESET pin is held low until this device is within
the specified VCC voltage An RC circuit on the RESET pin
with a delay 5 times (5x) greater than the power supply rise
time is recommended
When the RESET input goes low the IO ports are initial-
ized immediately with any observed delay being only propa-
gation delay When the RESET pin goes high this device
comes out of the reset state synchronously This device will
be running within two instruction cycles of the RESET pin
going high
RESET may also be used to exit this device from the HALT
mode
Some registers are reset to a known state whereas other
registers and RAM are ‘‘unchanged’’ by reset When the
controller goes into reset state while it is performing a write
operation to one of these registers or RAM that are ‘‘un-
changed’’ by reset the register or RAM value will become
unknown (ie not unchanged) This is because the write op-
eration is terminated prematurely by reset and the results
become uncertain These registers and RAM locations are
unchanged by reset only if they are not written to when the
controller resets
The following initializations occur with RESET
Port L TRI-STATE
Port C TRI-STATE
Port G TRI-STATE
Port E TRI-STATE
Port F TRI-STATE
Port D HIGH
PC CLEARED
PSW CNTRL and ICNTRL registers CLEARED
SIOR
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
T1CNTRL CLEARED
T2CNTRL CLEARED
TxRA TxRB RANDOM
CCMR1 CCMR2 CLEARED
CM1PSC CM1CRL CM1CRH CM2PSC CM2CRL and
CM2CRH
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
CCR1 and CCR2 CLEARED
CxPRH CxPRL CxCTH and CxCTL
RANDOM after RESET at power-on
PSR ENUR and ENUI CLEARED
ENU CLEARED except Bit 1 (TBMT) e 1
Accumulator Timer 1 and Timer 2
RANDOM after RESET with crystal clock option (power al-
ready applied)
UNAFFECTED after RESET with RC clock option (power
already applied)
RANDOM after RESET at power-on
MDCR CLEARED
MDR1 MDR2 MDR3 MDR4 MDR5 RANDOM
WKEN WKEDG CLEARED
WKPND RANDOM
S Register CLEARED
SP (Stack Pointer) Loaded with 6F Hex
B and X Pointers
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
RAM
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
The external RC network shown in
Figure 6 should be used
to ensure that the RESET pin is held low until the power
supply to the chip stabilizes
TLDD12855 – 6
RC l 5 c POWER SUPPLY RISE TIME
FIGURE 6 Recommended Reset Circuit
Oscillator Circuits
The chip can be driven by a clock input on the CKI input pin
which can be between DC and 10 MHz The CKO output
clock is on pin G7 (crystal configuration) The CKI input fre-
quency is divided down by 10 to produce the instruction
cycle clock (tc)
Figure 7 shows the Crystal diagram
TLDD12855 – 7
FIGURE 7 Crystal Diagram
CRYSTAL OSCILLATOR
CKI and CKO can be connected to make a closed loop
crystal (or resonator) controlled oscillator
http
www nationalcom
8


Similar Part No. - COP87L88RW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88RB NSC-COP87L88RB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L88RD NSC-COP87L88RD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RGN-XE NSC-COP87L88RGN-XE Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RGV-XE NSC-COP87L88RGV-XE Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
More results

Similar Description - COP87L88RW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
   8-Bit Microcontroller with Pulse Train Generators
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Data Delay Devices, Inc...
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com