Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT811MTBI-T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT811MTBI-T
Description  4-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT811MTBI-T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT811MTBI-T Datasheet HTML 1Page - Catalyst Semiconductor CAT811MTBI-T Datasheet HTML 2Page - Catalyst Semiconductor CAT811MTBI-T Datasheet HTML 3Page - Catalyst Semiconductor CAT811MTBI-T Datasheet HTML 4Page - Catalyst Semiconductor CAT811MTBI-T Datasheet HTML 5Page - Catalyst Semiconductor CAT811MTBI-T Datasheet HTML 6Page - Catalyst Semiconductor CAT811MTBI-T Datasheet HTML 7Page - Catalyst Semiconductor CAT811MTBI-T Datasheet HTML 8Page - Catalyst Semiconductor CAT811MTBI-T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
CAT811, CAT812
Patent Pending
Doc. No. 3005, Rev. P
ELECTRICAL CHARACTERISTICS
VCC = Full range, TA = -40˚C to +85˚C unless otherwise noted. Typical values at TA = +25˚C and VCC = 5 V for
L/M/J versions, VCC = 3.3 V for T/S versions, VCC = 3 V for R version and VCC = 2.5 V for Z version.
Parameter
Symbol
Conditions
Min
Typ(1)
Max
Units
Reset Threshold Tempco
30
ppm/˚C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH - 100 mV)
20
µs
Reset Active Timeout Period
TA = -40˚C to +85˚C
140
240
400
ms
VCC = VTH min, ISINK = 1.2 mA
CAT811R/S/T/Z
VCC = VTH min, ISINK = 3.2 mA
CAT811J/L/M
VCC > 1.0 V, ISINK = 50
µA
0.3
VCC = VTH max, ISOURCE = 500
µA
CAT811R/S/T/Z
VCC = VTH max, ISOURCE = 800
µA
CAT811J/L/M
VCC > VTH max, ISINK = 1.2 mA
CAT812R/S/T/Z
VCC > VTH max, ISINK = 3.2 mA
CAT812J/L/M
MR Minimum Pulse Width
tMR
10
µs
MR Glitch Immunity
Note 3
100
ns
MR to RESET Propagation
Delay
tMD
Note 2
0.5
µs
VIH
VCC > VTH (MAX), CAT811/812L/M/J
2.3 V
VIL
0.8
VIH
VCC > VIH (MAX), CAT811/812R/S/T/Z
0.7VCC
VIL
0.25VCC
MR Pull-up Resistance
10
20
30
k
(continued)
Note 1: Production testing done at TA = +25˚C; limits over temperature guaranteed by design only.
Note 2:
RESET output for the CAT811; RESET output for the CAT812
Note 3: Glitches of 100 ns or less typically will not generate a reset pulse.
VOL
0.4
V
V
VOH
RESET Output Voltage High
(Push-pull, active LOW,
CAT811)
VOL
RESET Output Voltage Low
(Push-pull, active HIGH,
CAT812)
V
VOH
1.8 V < VCC
≤ VTH min, ISOURCE = 150 µA
0.8 VCC
0.8 VCC
VCC - 1.5
V
RESET Output Voltage Low
(Push-pull, active LOW,
CAT811)
0.4
RESET Output Voltage High
(Push-pull active HIGH,
CAT812)
0.3
0.3
V
MR Input Threshold


Similar Part No. - CAT811MTBI-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811MTBI-T10 CATALYST-CAT811MTBI-T10 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811MTBI-T10 ONSEMI-CAT811MTBI-T10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811MTBI-T3 CATALYST-CAT811MTBI-T3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811MTBI-T3 ONSEMI-CAT811MTBI-T3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811MTBI-T3 ONSEMI-CAT811MTBI-T3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Similar Description - CAT811MTBI-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com