Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C4098-12TIN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C4098-12TIN
Description  5V/3.3V 256K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4098-12TIN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C4098-12TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4098-12TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4098-12TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4098-12TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4098-12TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4098-12TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4098-12TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4098-12TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4098-12TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
AS7C4098
AS7C34098
1/13/05; v.1.9
Alliance Semiconductor
P. 3 of 10
Recommended operating conditions
Parameter
Symbol
Min Typical
Max
Unit
Supply voltage
AS7C4098
VCC (12/15/20)
4.5
5.0
5.5
V
AS7C34098
VCC (10)
3.15
3.3
3.6
V
AS7C34098
VCC (12/15/20)
3.0
3.3
3.6
V
Input voltage
AS7C4098
VIH
2.2
VCC + 0.5 V
AS7C34098
VIH
2.0
VCC + 0.5 V
VIL1
1 VIL min = –1.0V for pulse width less than 5ns.
–0.5
0.8
V
Ambient operating temperature
commercial
TA
0–
70
°C
industrial
TA
–40
85
°C
DC operating characteristics (over the operating range)1
Parameter
Symbol
Test conditions
–10
–12
–15
–20
Unit
Min Max Min Max Min Max Min Max
Input leakage
current
|ILI|
VCC = Max
VIN = GND to VCC
AS7C4098/
AS7C34098
1
1
1–1
µA
Output leakage
current
|ILO|
VCC = Max
CE = VIH or OE = VIH
or WE = VIL
VI/O = GND to VCC
AS7C4098/
AS7C34098
1
1
1–1
µA
Operating
power supply
current
ICC
VCC = Max
Min cycle, 100% duty
CE = VIL, IOUT = 0mA
AS7C4098
250
220
180 mA
AS7C34098
160
130
110
100 mA
Standby power
supply current
ISB
VCC = Max
CE = VIH, f = Max
AS7C4098
60
60
60
mA
AS7C34098
60
60
60
60
mA
ISB1
VCC = Max
CE
≥ VCC – 0.2V, VIN ≥ VCC
– 0.2V or VIN ≤ 0.2V, f = 0
AS7C4098
20
20
20
mA
AS7C34098
20
20
20
20
mA
Output voltage
VOL
IOL = 8 mA, VCC = Min
AS7C4098/
AS7C34098
0.4
0.4
0.4
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
2.4
2.4
2.4
V
Capacitance (f = 1MHz, Ta = 25° C, VCC = NOMINAL)2
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, UB, LB
VIN = 0V
6
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
8
pF


Similar Part No. - AS7C4098-12TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C4098A ALSC-AS7C4098A Datasheet
524Kb / 19P
   2.5V 512K x 32/36 flowthrough burst synchronous SRAM
AS7C4098A ALSC-AS7C4098A Datasheet
257Kb / 11P
   5.0 V 256 K 횞 16 CMOS SRAM
AS7C4098A ALSC-AS7C4098A_06 Datasheet
257Kb / 11P
   5.0 V 256 K 횞 16 CMOS SRAM
More results

Similar Description - AS7C4098-12TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com