Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA221 Datasheet(PDF) 2 Page - Rohm

Part # DA221
Description  Switching diode Silicon epitaxial planar
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DA221 Datasheet(HTML) 2 Page - Rohm

  DA221 Datasheet HTML 1Page - Rohm DA221 Datasheet HTML 2Page - Rohm DA221 Datasheet HTML 3Page - Rohm DA221 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DA221
Diodes
Rev.A
2/3
Electrical characteristic curves (Ta=25
°C)
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
trr DISPERSION MAP
0.001
0.01
0.1
1
10
100
0
5
10
15
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=150℃
0.001
0.01
0.1
1
10
100
0
5
10
15
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=150℃
D2
0.1
1
10
0
5
10
15
f=1MHz
0.1
1
10
0
5
10
15
D2
f=1MHz
680
690
700
710
720
730
AVE:709.8mV
Ta=25℃
IF=10mA
n=30pcs
820
830
840
850
860
870
D2
AVE:849.7mV
Ta=25℃
IF=10mA
n=30pcs
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=15V
n=30pcs
AVE:0.1065nA
0
1
2
3
4
5
6
7
8
9
10
D2
Ta=25℃
VR=15V
n=30pcs
AVE:0.620nA
0
1
2
3
4
5
6
7
8
9
10
AVE:1.85pF
Ta=25℃
VR=6V
f=1MHz
n=10pcs
0
1
2
3
4
5
AVE:1.20ns
Ta=25℃
VR=6V
IF=10mA
RL=100Ω
Irr=0.1*IR
n=10pcs
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900 1000
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900 100
0
110
0
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
D2
D1
D1
D1
D1
D1
D1
D1


Similar Part No. - DA221

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
199Kb / 4P
   Switching diode
logo
TRANSYS Electronics Lim...
DA221 TEL-DA221 Datasheet
55Kb / 1P
   Plastic-Encapsulated Diode
logo
Rohm
DA221 ROHM-DA221 Datasheet
1,002Kb / 4P
   Switching Diode
logo
Shenzhen Luguang Electr...
DA221 LUGUANG-DA221 Datasheet
263Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Jiangsu Changjiang Elec...
DA221 JIANGSU-DA221 Datasheet
3Mb / 4P
   SWITCHING DIODE
More results

Similar Description - DA221

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com