Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C104J3GACAUTO Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0402C104J3GACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C104J3GACAUTO Datasheet(HTML) 4 Page - Kemet Corporation

  C0402C104J3GACAUTO Datasheet HTML 1Page - Kemet Corporation C0402C104J3GACAUTO Datasheet HTML 2Page - Kemet Corporation C0402C104J3GACAUTO Datasheet HTML 3Page - Kemet Corporation C0402C104J3GACAUTO Datasheet HTML 4Page - Kemet Corporation C0402C104J3GACAUTO Datasheet HTML 5Page - Kemet Corporation C0402C104J3GACAUTO Datasheet HTML 6Page - Kemet Corporation C0402C104J3GACAUTO Datasheet HTML 7Page - Kemet Corporation C0402C104J3GACAUTO Datasheet HTML 8Page - Kemet Corporation C0402C104J3GACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1022_C0G_AUTO_SMD • 2/29/2016
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Automotive Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0402
1005
1.00(.040)±0.05(.002) 0.50(.020)±0.05(.002)
SeeTable2for
Thickness
0.30(.012)±0.10(.004)
0.30 (.012)
SolderReflowOnly
0603
1608
1.60(.063)±0.15(.006) 0.80(.032)±0.15(.006)
0.35(.014)±0.15(.006)
0.70(.028)
SolderWaveor
SolderReflow
0805
2012
2.00(.079)±0.20(.008) 1.25(.049)±0.20(.008)
0.50(0.02)±0.25(.010)
0.75(.030)
1206
3216
3.20(.126)±0.20(.008) 1.60(.063)±0.20(.008)
0.50(0.02)±0.25(.010)
N/A
1210
3225
3.20(.126)±0.20(.008) 2.50(.098)±0.20(.008)
0.50(0.02)±0.25(.010)
SolderReflowOnly
1812
4532
4.50(.177)±0.30(.012) 3.20(.126)±0.30(.012)
0.60(.024)±0.35(.014)
2220
5650
5.70(.224)±0.40(.016) 5.00(.197)±0.40(.016)
0.60(.024)±0.35(.014)
Qualification/Certification
AutomotiveGradeproductsmeetorexceedtherequirementsoutlinedbytheAutomotiveElectronicsCouncil.Detailsregardingtest
methodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassiveComponents.Foradditional
informationregardingtheAutomotiveElectronicsCouncilandAEC–Q200,pleasevisittheirwebsite@www.aecouncil.com.
Environmental Compliance
Lead(Pb)-Free,RoHS,andREACHcompliantwithoutexemptions.


Similar Part No. - C0402C104J3GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C104J3GACAUTO KEMET-C0402C104J3GACAUTO Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
More results

Similar Description - C0402C104J3GACAUTO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com