Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L88RWV-XE Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L88RWV-XE
Description  8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L88RWV-XE Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP87L88RWV-XE Datasheet HTML 1Page - National Semiconductor (TI) COP87L88RWV-XE Datasheet HTML 2Page - National Semiconductor (TI) COP87L88RWV-XE Datasheet HTML 3Page - National Semiconductor (TI) COP87L88RWV-XE Datasheet HTML 4Page - National Semiconductor (TI) COP87L88RWV-XE Datasheet HTML 5Page - National Semiconductor (TI) COP87L88RWV-XE Datasheet HTML 6Page - National Semiconductor (TI) COP87L88RWV-XE Datasheet HTML 7Page - National Semiconductor (TI) COP87L88RWV-XE Datasheet HTML 8Page - National Semiconductor (TI) COP87L88RWV-XE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
General Description (Continued)
It is a fully static part fabricated using double-metal silicon
gate microCMOS technology Features include an 8-bit
memory mapped architecture MICROWIREPLUS serial
IO two 16-bit timercounters supporting three modes
(Processor Independent PWM generation External Event
counter and Input Capture mode capabilities) four indepen-
dent 16-bit pulse train generators with 16-bit prescalers two
independent 16-bit input capture modules with 8-bit prescal-
ers multiply and divide functions full duplex UART and two
power savings modes (HALT and IDLE) both with a mul-
ti-sourced wake upinterrupt capability This multi-sourced
interrupt capability may also be used independent of the
HALT or IDLE modes Each IO pin has software selectable
configurations The devices operate over a voltage range of
27V--55V High throughput is achieved with an efficient
regular instruction set operating at a maximum of 1 ms per
instruction rate
Connection Diagram
TLDD12855 – 2
Top View
Note
-X Crystal Oscillator
-E Halt Enable
Order Number COP87L88RWV-XE
See NS Plastic Chip Package Number V68A
FIGURE 2 Connection Diagram
http
www nationalcom
2


Similar Part No. - COP87L88RWV-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88RB NSC-COP87L88RB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L88RD NSC-COP87L88RD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RGN-XE NSC-COP87L88RGN-XE Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RGV-XE NSC-COP87L88RGV-XE Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
More results

Similar Description - COP87L88RWV-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
   8-Bit Microcontroller with Pulse Train Generators
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Data Delay Devices, Inc...
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com