Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34098-15TIN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C34098-15TIN
Description  5V/3.3V 256K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098-15TIN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C34098-15TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098-15TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098-15TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098-15TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098-15TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098-15TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098-15TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098-15TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C34098-15TIN Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
®
AS7C4098
AS7C34098
1/13/05; v.1.9
Alliance Semiconductor
P. 8 of 10
Typical DC and AC characteristics12
Supply voltage (V)
MIN
MAX
NOMINAL
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC, ISB
Ambient temperature (
°C)
–55
80
125
35
–10
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC, ISB
vs. ambient temperature Ta
vs. supply voltage VCC
ICC
ISB
ICC
ISB
Ambient temperature (
°C)
–55
80
125
35
–10
0.2
1
0.04
5
25
625
Normalized supply current ISB1
vs. ambient temperature Ta
VCC = VCC(NOMINAL)
Supply voltage (V)
MIN
MAX
NOMINAL
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tAA
Ambient temperature (
°C)
–55
80
125
35
–10
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tAA
Cycle frequency (MHz)
075
100
50
25
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC
vs. ambient temperature Ta
vs. cycle frequency 1/tRC, 1/tWC
vs. supply voltage VCC
VCC = VCC(NOMINAL)
Ta = 25° C
VCC = VCC(NOMINAL)
Ta = 25° C
Output voltage (V)
VCC
0
20
60
80
40
100
120
140
Output source current IOH
Output voltage (V)
VCC
Output sink current IOL
vs. output voltage VOL
vs. output voltage VOH
0
20
60
80
40
100
120
140
VCC = VCC(NOMINAL)PL
Ta = 25° C
VCC = VCC(NOMINAL)
Ta = 25° C
Capacitance (pF)
0
750
1000
500
250
0
5
15
20
10
25
30
35
Typical access time change
∆tAA
vs. output capacitive loading
VCC = VCC(NOMINAL)
00


Similar Part No. - AS7C34098-15TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JC ALSC-AS7C34098A-10JC Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JCN ALSC-AS7C34098A-10JCN Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JI ALSC-AS7C34098A-10JI Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JIN ALSC-AS7C34098A-10JIN Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
More results

Similar Description - AS7C34098-15TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com