Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2S2025 Datasheet(PDF) 4 Page - Coto Technology

Part # FR2S2025
Description  Proximity sensing, Smoke alarms
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

FR2S2025 Datasheet(HTML) 4 Page - Coto Technology

  FR2S2025 Datasheet HTML 1Page - Coto Technology FR2S2025 Datasheet HTML 2Page - Coto Technology FR2S2025 Datasheet HTML 3Page - Coto Technology FR2S2025 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tape and Reel Packaging for DYAD®-Gull Wing Terminals
Tape & Reel Packaging
1.75
(.069)
4.00
(.157)
1.55 ± .05
(.061 ± .002)
.300 ± .013
(.012 ± .0005)
.50
(.020)
2.29
(.090)
Top Cover
Tape
2.00
(.079 )
1.93
(.076 )
.28
(.011 )
2.49
(.098 )
8.00
(.315)
User Direction of Feed
32.00 ± .31
(1.260 ± .012)
23.01 MAX
(.906)
20.12
(.792)
14.63
(.576)
14.20
(.559)
28.40
(1.118)
2.49
(.098)
2.00 MIN. DIA. TYP.
(.079)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.10 MAX.
(.004)
8¡ MAX
FR2
Dyad®
SRC DEVICES
DIMENSIONS
mm
(inches)
4
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Similar Part No. - FR2S2025

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FR2S2025 CLARE-FR2S2025 Datasheet
446Kb / 5P
   Dyad
More results

Similar Description - FR2S2025

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
Systemsensor advanced i...
2312T SYSTEMSENSOR-2312T Datasheet
761Kb / 2P
   Photoelectronic Smoke detector with Electronic Heat Sensing
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
Melexis Microelectronic...
MLX75031 MELEXIS-MLX75031 Datasheet
1Mb / 67P
   Optical Gesture & Proximity Sensing IC
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
   Remote Control, Proximity, Ambient Light Sensing
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
   Light-to-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com