Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSH-4218 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # QSH-4218
Description  QMOT STEPPER MOTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QSH-4218 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QSH-4218 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-4218 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-4218 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-4218 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-4218 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-4218 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-4218 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-4218 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. QSH-4218 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
QSH4218 Manual (V1.06/2011-APR-12)
11
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
6.3.1 Determining if the given driver voltage is sufficient
Try to brake the motor and listen to it at different velocities. Does the sound of the motor get
raucous or harsh when exceeding some velocity? Then the motor gets into a resonance area. The
reason is that the motor back-EMF voltage reaches the supply voltage. Thus, the driver cannot bring
the full current into the motor any more. This is typically a sign, that the motor velocity should not
be further increased, because resonances and reduced current affect motor torque.
Measure the motor coil current at maximum desired velocity
For microstepping:
If the waveform is still basically sinusoidal, the motor driver supply voltage is
sufficient.
For Fullstepping:
If the motor current still reaches a constant plateau, the driver voltage is
sufficient.
If you determine, that the voltage is not sufficient, you could either increase the voltage or reduce
the current (and thus torque).
6.4 Back EMF (BEMF)
Within SI units, the numeric value of the BEMF constant has the same numeric value as the numeric
value of the torque constant. For example, a motor with a torque constant of 1 Nm/A would have a
BEMF constant of 1V/rad/s. Turning such a motor with 1 rps (1 rps = 1 revolution per second =
6.28 rad/s) generates a BEMF voltage of 6.28V.
The Back EMF constant can be calculated as:
The voltage is valid as RMS voltage per coil, thus the nominal current I
NOM is multiplied by 2 in this
formula, since the nominal current assumes a full step position, with two coils switched on. The
torque is in unit [Nm] where 1Nm = 100cNm = 1000mNm.
One can easily measure the BEMF constant of a two phase stepper motor with a (digital) scope. One
just has to measure the voltage of one coil (one phase) when turning the axis of the motor manually.
With this, one gets a voltage (amplitude) and a frequency of a periodic voltage signal (sine wave).
The full step frequency is 4 times the frequency the measured sine wave.
 
 
A
I
Nm
ngTorque
MotorHoldi
s
rad
V
U
NOM
BEMF


2
/


Similar Part No. - QSH-4218

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSH-020-01-L-D-DP-A SAMTEC-QSH-020-01-L-D-DP-A Datasheet
343Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSH-030-01-C-D-A SAMTEC-QSH-030-01-C-D-A Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-030-01-C-D-FL SAMTEC-QSH-030-01-C-D-FL Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-030-01-C-D-GP SAMTEC-QSH-030-01-C-D-GP Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-030-01-C-D-K SAMTEC-QSH-030-01-C-D-K Datasheet
599Kb / 3P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
More results

Similar Description - QSH-4218

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH-5718 TRINAMIC-QSH-5718_11 Datasheet
400Kb / 15P
   QMOT STEPPER MOTORS
QSH-6018 TRINAMIC-QSH-6018 Datasheet
532Kb / 14P
   QMOT STEPPER MOTORS
QSH-8618 TRINAMIC-QSH-8618 Datasheet
489Kb / 18P
   QMOT STEPPER MOTORS
TMC4361 TRINAMIC-TMC4361 Datasheet
2Mb / 117P
   stepper motors
logo
List of Unclassifed Man...
HY20022200100AX08 ETC-HY20022200100AX08 Datasheet
4Mb / 32P
   Stepper Motors
35BYG002 ETC-35BYG002 Datasheet
182Kb / 1P
   HB Stepper Motors
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com